| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS9721_LP1 bảng dữ liệu(PDF) 24 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 bảng dữ liệu(HTML) 24 Page - Fortune Semiconductor Corp. |
|
24 / 41 page ![]() FS9721_LP1 Rev. 2.0 23/41 14.7 Activated Reset Circuit RST FS9721_LP1 VDD C4 10nF S12 RESET R5 100k Diagram 16 Reset Circuit 14.8 Crystal Oscillator Circuit U1 XOUT XIN CX1 CX2 FS9721_LP1 R1 Diagram 17 Crystal Oscillator Circuit In the diagram, R1 provides the statical working point for the revisor; CX2 is for tiny adjustment of frequency; CX1 is temperature compensation. In less requirements situation, CX1 and CX2 can be unused. |