| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS9721_LP1 bảng dữ liệu(PDF) 16 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 bảng dữ liệu(HTML) 16 Page - Fortune Semiconductor Corp. |
|
16 / 41 page ![]() FS9721_LP1 Rev. 2.0 15/41 the key again, Backlight will close. After Backlight is open, if the key is not pressed, it will extinguish after 15 seconds. 12.4 ADPC1/ADPC2 Functions ADPC function Status Description ADPC1 SelectCurrent Measurement mode Open (1) μA/mA/A Sampling Resistance is 1kΩ/10Ω/0.01Ω Connect to VSS (0) μA/mA/A Sampling Resistance is 100Ω/1Ω/0.01Ω ADPC2 Select DC/AC Status Open (1) When power on, it’s DC status Connect to VSS (0) When power on, it’s AC status |