công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES7243 bảng dữ liệu(PDF) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

tên linh kiện ES7243
Giải thích chi tiết về linh kiện  High Performance Stereo Audio ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Trang chủ  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7243 bảng dữ liệu(HTML) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7243 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Everest Semiconductor
Confidential
ES7243
Revision 10.0
6
March 2019
Latest datasheet: www.everest-semi.com or info@everest-semi.com
n-2 n-1
n
3
2
1
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 3 Left Justified Serial Audio Data Format Up To 24-bit
Figure 4 DSP/PCM Mode A
Figure 5 DSP/PCM Mode B
6. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Continuous operation at or beyond these conditions may permanently damage the device.
PARAMETER
MIN
MAX
Analog Supply Voltage Level
-0.3V
+3.6V
Digital Supply Voltage Level
-0.3V
+3.6V
Analog Input Voltage Range
GNDA-0.3V
VDDA+0.3V
Digital Input Voltage Range
GNDD-0.3V
VDDP+0.3V
Operating Temperature Range
-40°C
+85°C
Storage Temperature
-65°C
+150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11