| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AXP288 bảng dữ liệu(PDF) 44 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288 bảng dữ liệu(HTML) 44 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
44 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 44 9.2 IPS (Intelligent Power Select) AXP288 has Intelligent Power Select (IPS) to select the appropriate source to power the system. The output of IPS, IPSOUT will then be used as power source for downstream regulators and battery charger. For single input power source system, the power source needs to be connected to both VBUS power pins as shown in Figure 9-17. 9.2.1 IPS overview Input Power Sources Block Diagram AXP288 ADC IPS Communication module VBUS (Pin 55) VBUS (Pin 61) Charger controller IPSOUT VIN_CHG IPSOUT LX_CHG LOADSENSE BATSENSE N_BATDRV VSYS Figure 9-19 |