| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340 bảng dữ liệu(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ASX340 bảng dữ liệu(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 78 page ![]() PDF: 171981479/Source: 8304342517 Aptina reserves the right to change products or specifications without notice. ASX340/MT9V139_DS Rev. C Pub. 3/11 EN 52 © 2010 Aptina Imaging Corporation All rights reserved. ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Modes and Timing Aptina Confidential and Proprietary Preliminary Figure 34: Differential Connection—Grounded Termination Parallel Output (DOUT) The DOUT[7:0] port supports both progressive and Interlaced mode. Progressive mode (with FV and LV signal) include raw bayer(8 or 10 bit), YCbCr, RGB. Interlaced mode is CCIR656 compliant. Figure 35 shows the data that is output on the parallel port for CCIR656. Both NTSC and PAL formats are displayed. The blue values in Figure 35 represent NTSC (525/60). The red values represent PAL (625/50). Figure 35: CCIR656 8-Bit Parallel Interface Format for 525/60 (625/50) Video Systems Figure 36 on page 53 shows detailed vertical blanking information for NTSC timing. See Table 28 on page 53 for data on field, vertical blanking, EAV, and SAV states. F F 0 0 0 0 X Y 8 0 1 0 8 0 1 0 8 0 1 0 F F 0 0 0 0 X Y C B Y C R Y C B Y C R Y C R Y F F 4 4 268 280 4 4 1440 1440 1716 1728 EAV CODE BLANKING SAV CODE CO-SITED _ CO-SITED _ Start of digital line Start of digital active line Next line Digital video stream |