| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340 bảng dữ liệu(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ASX340 bảng dữ liệu(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 78 page ![]() PDF: 171981479/Source: 8304342517 Aptina reserves the right to change products or specifications without notice. ASX340/MT9V139_DS Rev. C Pub. 3/11 EN 35 © 2010 Aptina Imaging Corporation All rights reserved. ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor External Signal Processing Aptina Confidential and Proprietary Preliminary Host Command Process Flow Read Comma nd re g ister Doorbell bit clear ? No Command has parameters? Ye s Write parameters to Pa ra me te r Po o l Ye s Write co mmand to Command re gister No Issu e Command H o st co u ld in se rt a n optional dela y here Host could in se rt an optional delay here Wa it fo r a re sp onse? R e a d C o mma n d re g iste r Doorbell bit cle a r? Ye s No Command h a s response parameters ? Ye s Read re sp onse parameters from Pa ra me te r Po o l Ye s At th is p o in t Command Register co ntains re sponse code Done No No |