| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD780C bảng dữ liệu(PDF) 22 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PD780C bảng dữ liệu(HTML) 22 Page - NEC |
|
22 / 24 page ![]() .j>. Instruction Set (cont) 1:: I I\) ,. .j>. Operation Code No. of No. of Flags C Mnemonic Operation OescrlpUon 7 6 5 .32 1 0 Clocks Bytes C Z P/V S N H ... RRC (HL) Rotate lac. (HL) right circular 1 1 a a a 1 4 2 P 0 0 CD 000 0 1 0 0 RRC (IX + d) � Rotate lac (IX + d) right circular 1 1 0 1 1 1 01 6 4 P 0 0 1 1 o 0 1 o 1 1 d d d d d d d d o 0 0 0 1 1 1 0 RRC (IY + d) m : r, (HL), Rotate lac. (IY + d) right circular 1 1 11 1 1 o1 6 4 P 0 0 (IX + d), (IY + d), A 1 1 o 0 1 011 d d d d d d d d o 0 0 0 1 1 1 0 RRCA Rotate right circular ACC 000 0 1 4 • • • 0 0 Rotate digit right and then left between 1 0 1 0 18 2 • P 0 0 ACC and location (HL) 0 o 0 1 RRD RST, (SP - 1) - PCH Restart to location T 1 1 t t t 1 1 1 11 • • • • • • (SP - 2) - PCl PCH - 0, PCl - T SBC A, r A - A - r CY Subtract Reg. r from ACC w/carry o 0 r r r (8) 4 V SBC A, n A - A - n - CY Subtract value n from ACC with carry 0 0 7 2 V n n n n n n n n SBC A, (HL) A - A - (HL) - CY Sub. loc. (HL) from ACC w/carry o 0 0 7 1 V SBC A, (IX + d) A - A - (IX + d) - CY Subtract lac. (IX + d) from ACC with carry 1 1 0 1 1 1 01 19 3 V 1 o 0 1 1 1 1 0 d d d d d d d d SBC A, (IY + d) A - A - (IY + d) - CY Subtract lac. (lY + d) from ACC with carry 1 1 1 1 1 1 01 19 3 V 1 o 0 1 1 1 1 0 d d d d d d d d SBC HL, 55 HL-HL - 55 - CY Subtract Reg. pair 55 from HL with carry 1 o1 1 0 1 (AI 15 2 V X 0 5 5 o 0 1 0 SCF CY - 1 Set carry flag (C :1) o 0 o11 1 4 • • • 0 0 SET b, (HL) (HL)b - 1 Set Bit b of location (HL) 1 o 0 1 0 1 1 (E) 15 2 • • • • • • 1 b b b 1 1 0 SET b, (IX + d) (IX + d)b - 1 Set Bit b of location (IX + d) 1 1 0 1 1 1 0 1 (El 23 4 • • • • • • � 1 1 o 0 1 o 1 1 d d d d d d d d 1 1 b b b1 1 0 n |