| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD780C bảng dữ liệu(PDF) 20 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PD780C bảng dữ liệu(HTML) 20 Page - NEC |
|
20 / 24 page ![]() .j>. , I\) I\) Instruction Set (cont, Mnemunlc POP IX POP IV POP qq PUSH IX PUSH IV PUSH qq Operation IXH � (SP + 1) IXl � (SP) IVH �(SP +l) IVl � (SP) qqH � (SP + 1) qql � (SP) (SP - 2)� IXl (SP - 1) � IXH (SP - 2) � IVl (SP - 1) +- IVH (SP - 2) � qql (SP - 1) �qqH RES b,r Sb � 0 RES b, (HL) Sb � 0, (HL) RES b, (IX + d) Sb � 0 (IX + d) RES b, (IV + d) Sb � 0, (IV + d) RET PCl � (SP) RET cc RETI RETN RL r RL (HL) PCH � (SP + 1) If condition cc is false cont. else (PCl � (SP) PCH � (SP + 1) Oescrlption load IX with top of stack load IV with top of stack Load Reg. pair qq with top of stack load IX onto stack Load IV onto stack load Reg. pair qq onto stack Reset Bit b of Reg. r Reset Bit b of loe. (HL) Reset Bit b of loc. (IX + d) Reset Bit b of loc. (IV + d) Return from subroutine Return from subroutine if condition cc is true Return from interrupt Return from non-maskable interrupt Rotate left through carry Reg. r Rotate left through carry loc. (HL) Operation Code 765 • 3 2 1 0 o 1 1 1 0 1 0 0 0 0 1 1 1 a o 0 a a q q a a 0 1 (G) o 1 1 1 0 0 1 1 a a q q 0 o o o o o (G) 1 0 0 1 0 1 (6) o b b b r r r (E) 10010 1 Obbb l 0 11 01 1 101 11 001 011 d d d d d d d d l Ob b b 1 10 11111 10 1 110 01 01 1 d d d d d d d d 10 bb bll0 o a 1 a a No. of No. of Cloclal Bylas 14 2 14 2 10 15 2 15 2 11 8 2 15 2 23 4 23 4 10 � cc - a a a (H) 5 if CC false 11 if CC true 1 o 1 o 1 a o 0 1 0 1 o 0 0 o o o o 1 1 0 0 1 0 1 (6) 000 lOr r r 110 010 1 00 0101 a 14 2 14 2 2 2 4 2 c • • • Flags Z PlY S • • • • • • • • • N H • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • P p o 0 a 0 1:: 'U a .... CD o �� |