công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCK-044 bảng dữ liệu(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

tên linh kiện SCK-044
Giải thích chi tiết về linh kiện  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINKING [Thinking Electronic Industrial Co.,Ltd]
Trang chủ  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK-044 bảng dữ liệu(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  SCK-044 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK-044 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
13
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Electrical Characteristics
Note 1: □ = Tolerance of R25
Note 2: Special specifications are available upon request.
Part No.
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃ Imax
Recommend
Capacitance
@240Vac
Max.
Power Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
R25(Ω)
Imax(A)
RImax(Ω)
Cth(F)
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
SCK200R7□
0.7
15
0.035
1000
4.9
Approx.
28
Approx.
113
-40 ~ +200
SCK201R0□
1
13
0.034
SCK201R5□
1.5
10.5
0.041
SCK202R0□
2
10
0.062
SCK202R5□
2.5
9
0.083
SCK203R0□
3
8.5
0.078
SCK204R0□
4
8
0.080
SCK204R7□
4.7
7.5
0.114
SCK205R0□
5
7.5
0.118
SCK206R0□
6
7
0.120
SCK206R8□
6.8
6.5
0.130
SCK207R0□
7
6.5
0.132
SCK208R0□
8
6
0.161
SCK20100□
10
5.5
0.196
SCK20120□
12
5
0.197
SCK20130□
13
5
0.213
SCK20150□
15
4.5
0.258
SCK20160□
16
4.5
0.276
SCK20180□
18
4
0.280
SCK20200□
20
4
0.306
SCK251R0□
1
20
0.020
1200
7.0
Approx.
30
Approx.
130
-40 ~ +200
SCK251R5□
1.5
18.5
0.023
SCK252R0□
2
18
0.025
SCK252R5□
2.5
15
0.032
SCK253R0□
3
14.5
0.042
SCK254R0□
4
14
0.044
SCK254R7□
4.7
13
0.052
SCK255R0□
5
12
0.061
SCK256R8□
6.8
10.5
0.082
SCK257R0□
7
10
0.092
SCK258R0□
8
9
0.115
SCK25100□
10
8
0.141
SCK25120□
12
7.5
0.164
SCK25150□
15
6.5
0.210
SCK25180□
18
5.5
0.231
SCK25200□
20
5
0.270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com