| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STC89LE53RC bảng dữ liệu(PDF) 153 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC bảng dữ liệu(HTML) 153 Page - STCmicro Technology Co,.Ltd |
|
153 / 165 page ![]() Local Labels Local labels may be used within a macro using the following format: %*DEFINE (macro_name [(parameter_list)]) [LOCAL list_of_local_labels] (macro_body) For example, the following macro definition %*DEFINE (DEC_DPTR) LOCAL SKIP (DEC DPL ;DECREMENT DATA POINTER MOV A, DPL CJNE A, #0FFH, %SKIP DEC DPL %SKIP: ) would be called as %DEC_DPTR and would be expanded by ASM51 into DEC DPL ;DECREMENT DATA POINTER MOV A, DPL CJNE A, #0FFH, SKIP00 DEC DPH SKIP00: Note that a local label generally will not conflict with the same label used elsewhere in the source program, since ASM51 appends a numeric code to the local label when the macro is expanded. Furthermore, the next use of the same local label receives the next numeric code, and so on. The macro above has a potential "side effect." The accumulator is used as a temporary holding place for DPL. If the macro is used within a section of code that uses A for another purpose, the value in A would be lost. This side effect probably represents a bug in the program. The macro definition could guard against this by saving A on the stack. Here's an alternate definition for the DEC_DPTR macro: %*DEFINE (DEC_DPTR) LOCAL SKIP (PUSHACC DEC DPL ;DECREMENT DATA POINTER MOV A, DPL CJNE A, #0FFH, %SKIP DEC DPH %SKIP: POP ACC ) Repeat Operations This is one of several built-in (predefined) macros. The format is %REPEAT (expression) (text) For example, to fill a block of memory with 100 NOP instructions, %REPEAT (100) (NOP ) 153 |