| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STC89LE53RC bảng dữ liệu(PDF) 147 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC bảng dữ liệu(HTML) 147 Page - STCmicro Technology Co,.Ltd |
|
147 / 165 page ![]() Public The format for the PUBLIC (public symbol) directive is PUBLIC symbol [, symbol] […] The PUBLIC directive allows the list of specified symbols to known and used outside the currently assembled module. A symbol declared PUBLIC must be defined in the current module. Declaring it PUBLIC allows it to be referenced in another module. For example, PUBLIC INCHAR, OUTCHR, INLINE, OUTSTR Extrn The format for the EXTRN (external symbol) directive is EXTRN segment_type (symbol [, symbol] […], …) The EXTRN directive lists symbols to be referenced in the current module that are defined in other modules. The list of external symbols must have a segment type associated with each symbol in the list. (The segment types are CODE, XDATA, DATA, IDATA, BIT, and NUMBER. NUMBER is a type-less symbol defined by EQU.) The segment type indicates the way a symbol may be used. The information is important at link-time to ensure symbols are used properly in different modules. The PUBLIC and EXTRN directives work together. Consider the two files, MAIN.SRC and MESSAGES. SRC. The subroutines HELLO and GOOD_BYE are defined in the module MESSAGES but are made available to other modules using the PUBLIC directive. The subroutines are called in the module MAIN even though they are not defined there. The EXTRN directive declares that these symbols are defined in another module. MAIN.SRC: EXTRN CODE (HELLO, GOOD_BYE) … CALL HELLO … CALL GOOD_BYE … END MESSAGES.SRC: PUBLIC HELLO, GOOD_BYE … HELLO: (begin subroutine) … RET GOOD_BYE: (begin subroutine) … RET … END Neither MAIN.SRC nor MESSAGES.SRC is a complete program; they must be assembled separately and linked together to form an executable program. During linking, the external references are resolved with correct addresses inserted as the destination for the CALL instructions. Name The format for the NAME directive is NAME module_name 147 |