công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC89LE51RC bảng dữ liệu(PDF) 59 Page - STCmicro Technology Co,.Ltd

tên linh kiện STC89LE51RC
Giải thích chi tiết về linh kiện  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STC [STCmicro Technology Co,.Ltd]
Trang chủ  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC bảng dữ liệu(HTML) 59 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 60Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 61Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 62Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 63Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 165 page
background image
JZ
rel
Function:
Jump if Accumulator Zero
Description:
If all bits of the Accumulator are zero, branch to the address indicated; otherwise proceed
with the next instruction. The branch destination is computed by adding the signed relative-
displacement in the second instruction byte to the PC, after incrementing the PC twice. The
Accumulator is not modified. No flags are affected.
Example:
The Accumulator originally contains 01H. The instruction sequence,
JZ
LABEL1
DEC
A
JZ
LAEEL2
will change the Accumulator to 00H and cause program execution to continue at the
instruction identified by the label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 1 0
0 0 0 0
rel. address
Operation:
JZ
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (A) = 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
LCALL addr16
Function:
Long call
Description:
LCALL calls a subroutine loated at the indicated address. The instruction adds three to the
program counter to generate the address of the next instruction and then pushes the 16-bit
result onto the stack (low byte first), incrementing the Stack Pointer by two. The high-order
and low-order bytes of the PC are then loaded, respectively, with the second and third bytes
of the LCALL instruction. Program execution continues with the instruction at this address.
The subroutine may therefore begin anywhere in the full 64K-byte program memory address
space. No flags are affected.
Example:
Initially the Stack Pointer equals 07H. The label “SUBRTN” is assigned to program memory
location 1234H. After executing the instruction,
LCALL SUBRTN
at location 0123H, the Stack Pointer will contain 09H, internal RAM locations 08H and 09H
will contain 26H and 01H, and the PC will contain 1234H.
Bytes:
3
Cycles:
2
Encoding:
0 0 0 1
0 0 1 0
addr15-addr8
addr7-addr0
Operation:
LCALL
(PC) ← (PC) + 3
← (PC) + 3
(PC) + 3
(SP) ← (SP)+1
← (SP)+1
(SP) + 1
((SP)) ← (PC
← (PC
(PC
7-0)
(SP) ← (SP)+1
← (SP)+1
(SP) + 1
((SP)) ← (PC
← (PC
(PC
15-8)
(PC) ← addr
← addr
addr
15-0
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com