công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC89LE51RC bảng dữ liệu(PDF) 29 Page - STCmicro Technology Co,.Ltd

tên linh kiện STC89LE51RC
Giải thích chi tiết về linh kiện  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STC [STCmicro Technology Co,.Ltd]
Trang chủ  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC bảng dữ liệu(HTML) 29 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 26Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 27Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 28Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 29Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 30Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 33Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 165 page
background image
Chapter 4 Configurable I/O Ports Configurations
The STC89xx series MCU has following I/O ports: P0.0~P0.7, P1.0~P1.7, P2.0~P2.7, P3.0~P3.7, P4.0~P4.3(only
be available to LQFP44 and PLCC44). All port pins on STC89xx series may be independently configured to one
of four modes : quasi-bidirectional (standard 8051 port output), push-pull output, input-only or open-drain output
.All port pins default to quasi-bidirectional after reset. Each one has a Schmitt-triggered input for improved input
noise rejection.
4.1 Quasi-bidirectional I/O
Port pins in quasi-bidirectional output mode function similar to the standard 8051 port pins. A quasi-bidirectional
port can be used as an input and output without the need to reconfigure the port. This is possible because when
the port outputs a logic high, it is weakly driven, allowing an external device to pull the pin low. When the pin
outputs low, it is driven strongly and able to sink a large current. There are three pull-up transistors in the quasi-
bidirectional output that serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port register for the pin contains
a logic “1”. This very weak pull-up sources a very small current that will pull the pin high if it is left floating.
A second pull-up, called the “weak” pull-up, is turned on when the port register for the pin contains a logic
“1” and the pin itself is also at a logic “1” level. This pull-up provides the primary source current for a quasi-
bidirectional pin that is outputting a 1. If this pin is pulled low by the external device, this weak pull-up turns off,
and only the very weak pull-up remains on. In order to pull the pin low under these conditions, the external device
has to sink enough current to over-power the weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up low-to-high transitions on
a quasi-bidirectional port pin when the port register changes from a logic “0” to a logic “1”. When this occurs, the
strong pull-up turns on for two CPU clocks, quickly pulling the port pin high.
Vcc
2 clock
delay
Vcc
Vcc
PORT
PIN
Weak
Very weak
Strong
PORT
LATCH DATA
INPUT
DATA
Quasi-bidirectional output
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com