công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9045ZSP bảng dữ liệu(PDF) 4 Page - Richtek Technology Corporation

tên linh kiện RT9045ZSP
Giải thích chi tiết về linh kiện  Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9045ZSP bảng dữ liệu(HTML) 4 Page - Richtek Technology Corporation

  RT9045ZSP Datasheet HTML 1Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 2Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 3Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 4Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 5Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 6Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 7Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 8Page - Richtek Technology Corporation RT9045ZSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9045
4
DS9045-05 April 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
VIN
Input voltage which supplies current to the output pin.
Connect this pin to a well-decoupled supply voltage. To
prevent the input rail from dropping during large load
transient, a large, low ESR capacitor is recommended to
use. The capacitor should be placed as close as possible
to the VIN pin.
GND (Exposed Pad)
Common Ground. The exposed pad must be soldered to
a large PCB and connected to GND for maximum power
dissipation.
VCNTL
VCNTL supplies the internal control circuitry and provides
the drive voltage. The driving capability of output current
is proportioned to the VCNTL. Connect this pin to 5V bias
supply to handle large output current with at least 1
μF
capacitor from this pin to GND. An important note is that
VIN should be kept lower or equal to VCNTL.
Function Block Diagram
GND
VCNTL
REFEN
Current Limit
Thermal Protection
+
-
EA
VOUT
VIN
REFEN
Reference voltage input and active low shutdown control
pin. Two resistors dividing down the VIN voltage on this
pin to create the regulated output voltage. Pulling this pin
to ground turns off the device by an open-drain, such as
2N7002, signal N-MOSFET.
VOUT
Regulator output. VOUT is regulated to REFEN voltage
that is used to terminate the bus resistors. It is capable
of sinking and sourcing current while regulating the output
rail. To maintain adequate large signal transient response,
typical value of 10
μF ceramic capacitors are recommended
to reduce the effects of current transients on VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com