| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS6505BA1Q1706 bảng dữ liệu(PDF) 43 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6505BA1Q1706 bảng dữ liệu(HTML) 43 Page - Micro Analog systems |
|
43 / 44 page ![]() DA6505.005 11 June 2018 43 (44) QFN-24 4x4x0.85 PCB LAND PATTERN Notes • I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline • exposed pad land size should be the same as QFN exposed pad size • solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |