| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV0974E bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0974E bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 69 page ![]() Functional description STV0974 49/61 4.9.3.2 Low-level interface Scaler low-level control These registers are active only if either “ Still and Live Output Image Size” or “Viewfinder Image Size” registers are set to “custom” size. Table 34: Scaler low-level control Name Index R/W State code Data type Format default Description Source centre X- position MSB 0x8060 R/W A I RRRR.RRDD 0000.0001 X-coordinates of the centre of the source image window. Default is 322 Source centre X- position LSB 0x8061 R/W A I DDDD.DDDD 0100.0010 Source centre Y- position MSB 0x8062 R A I RRRR.RRDD 0000.0000 Y-coordinates of centre of the source image window. Default is 242 Source centre Y- position LSB 0x8063 R A I DDDD.DDDD 1111.0000 Viewfinder Dest. Image Width MSB 0x8064 R/W A I RRRR.RRDD 0000.0000 Width of the destination image (after scaling) in viewfinder mode. The value must be a multiple of 8 pixels. Viewfinder Dest. Image Width LSB 0x8065 R/W A I DDDD.DRRR 1010.0000 Viewfinder Dest. image height MSB 0x8066 R/W A I RRRR.RRDD 0000.0000 Height of the destination image (after scaling) in viewfinder mode. This value must be a multiple of 8 pixels. Viewfinder Dest. image height LSB 0x8067 R/W A I DDDD.DRRR 0111.1000 Viewfinder Scaling factor 0x8068 R/W A I RRRR.RDDD 0000.0100 Scaling factor in viewfinder mode: [0]: Reserved [1]: x1 [2]: x2 [3]: x3 [4]: x4 (default) [5]: x5 [6]: x6 [7]: x1.5 [8]: x2.5 Still/Live Dest. Image Width MSB 0x8069 R/W A I RRRR.RRDD 0000.0010 Width of the destination image (after scaling) in still / live mode. This value must be a multiple of: - 2 pixels in YUV output format - 16 pixels in JPEG output format Registers only used for Capture when in idle mode Still/Live Dest. Image Width LSB 0x806A R/W A I DDDD.D000 1000.0000 Still/Live Dest. image height MSB 0x806B R/W A I RRRR.RRDD 0000.0001 Height of the destination image (after scaling) in still / live mode. This value must be a multiple of 8 pixels. Registers only used for Capture when in idle mode Still/Live Dest. image height LSB 0x806C R/W A I DDDD.D000 1110.0000 |