| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM548331 bảng dữ liệu(PDF) 16 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM548331 bảng dữ liệu(HTML) 16 Page - OKI electronic componets |
|
16 / 23 page ![]() ¡ Semiconductor MSM548331 16/23 Write Cycle (Write Transfer) WCLK tWCLK N CYCLE (N-1)CYCLE (N-2)CYCLE tWTDH tWTRS tWTRH tWTDS Low WADE/RX — — WR/TR tWEH tWEDS — — — — WXINC — — WE — — DIN0 - 11 — — Low Valid D(N) Valid D(N-1) Valid D(N-2) Valid D(N-3) Note : When finishing the write operation on a line, be sure to perform a write transfer operation because the write data on the line is stored in the memory cell. |