| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM548331 bảng dữ liệu(PDF) 15 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM548331 bảng dữ liệu(HTML) 15 Page - OKI electronic componets |
|
15 / 23 page ![]() ¡ Semiconductor MSM548331 15/23 Write Cycle (WE Control) Write Cycle (IE Control) Note : In the WE =" L" cycle, the write address pointer is not incremented and no DIN data is written. WCLK tWCLK N CYCLE (N-1)CYCLE (N-2)CYCLE (N+2) CYCLE (N+1) CYCLE Low WADE/RX — — IE tWEH tWEDH tWEDS tWES — — — — WXINC — — WE — — DIN0 - 11 — — High Low WR/TR — — Low Valid D(N+2) Valid D(N+1) Valid D(N) Valid D(N-1) Valid D(N-2) Valid D(N-3) WCLK Low WADE/RX — — WE tIEH tIEDS tIEDH tIES — — — — WXINC — — IE — — DIN0 - 11 — — High Low WR/TR — — Low Valid D(N+3) Valid D(N+2) Valid D(N) Valid D(N-1) Valid D(N-2) Valid D(N-3) tWCLK N CYCLE (N-1)CYCLE (N-2)CYCLE (N+3) CYCLE (N+2) CYCLE Note : In the IE = "L" cycle, the write address pointer is incremented, though no DIN data is written and the memory data is held. |