công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSM548262-70JS bảng dữ liệu(PDF) 32 Page - OKI electronic componets

tên linh kiện MSM548262-70JS
Giải thích chi tiết về linh kiện  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-70JS bảng dữ liệu(HTML) 32 Page - OKI electronic componets

Back Button MSM548262-70JS Datasheet HTML 28Page - OKI electronic componets MSM548262-70JS Datasheet HTML 29Page - OKI electronic componets MSM548262-70JS Datasheet HTML 30Page - OKI electronic componets MSM548262-70JS Datasheet HTML 31Page - OKI electronic componets MSM548262-70JS Datasheet HTML 32Page - OKI electronic componets MSM548262-70JS Datasheet HTML 33Page - OKI electronic componets MSM548262-70JS Datasheet HTML 34Page - OKI electronic componets MSM548262-70JS Datasheet HTML 35Page - OKI electronic componets MSM548262-70JS Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
¡ Semiconductor
MSM548262
32/37
Block Write:
RAS falling edge --- CAS = TRG = "H", DSF = "L"
CAS falling edge --- DSF = "H"
Block write allows for the data in the color register to be written into 4 consecutive column
address locations, starting from a selected column address in a selected row.
The block write operation can be selectively controlled on an I/O basis, and a column mask
capability is also available. During a block write cycle, the 2 least significant column address
locations (A0C and A1C) are internally controlled, and only the 7 most significant column
addresses (A2C - A8C) are latched at the falling edge of CAS.
1) No mask block write: WE "high" at the falling edge of RAS
The data on 8 DQ pins is all cleared by the data of the color register.
2) Masked block write: WE "low" at the falling edge of RAS
The mask data is the same as that of a RAM write cycle.
SAM PORT OPERATION
Single Register Mode
High speed serial read or write operation can be performed through the SAM port independent
of the RAM port operation, except during read/write transfer cycles.
The preceding transfer operation determines the direction of data flow through the SAM port.
If the preceding transfer is a read transfer, the SAM port is in the output mode. If the preceding
transfer is write transfer, the SAM port is in the input mode.
Serial data can be read out of the SAM after a read transfer has been performed. The data is shifted
out of the SAM starting at any of the 512 bits locations.
The TAP location corresponds to the column address selected at the falling edge of CAS during
the read or write transfer cycle. The SAM registers are configured as a circular data register. The
data is shifted out sequentially. It starts from the selected TAP location at the most significant bit
(511), then wraps around to the least significant bit (0).
Split Register Mode
In split register mode data can be shifted into or out of one half of the SAM, while a split read or
split write transfer is being performed on the other half of the SAM.
Conventional (non split) read, or write transfer cycle must precede any split read or split write
transfers. The split read and write transfers will not change the SAM port mode set by the
preceding conventional transfer operation. In the split register mode, serial data can be shifted
in or out of one of the split SAM registers, starting from any at the 256 TAP locations, excluding
the last address of each split SAM the data is shifted in or out sequentially starting from the
selected TAP location at the most significant bit (255 or 511) of the first split SAM, and then the
SAM pointer moves to the TAP location selected for the second split SAM to shift data in or out
sequentially, starts from this TAP location at the most significant bit (511 or 255), and finally
wraps around to the least significant bit.
0
12
255
TAP
256 257
511
TAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com