công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSM548262-70JS bảng dữ liệu(PDF) 27 Page - OKI electronic componets

tên linh kiện MSM548262-70JS
Giải thích chi tiết về linh kiện  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-70JS bảng dữ liệu(HTML) 27 Page - OKI electronic componets

Back Button MSM548262-70JS Datasheet HTML 23Page - OKI electronic componets MSM548262-70JS Datasheet HTML 24Page - OKI electronic componets MSM548262-70JS Datasheet HTML 25Page - OKI electronic componets MSM548262-70JS Datasheet HTML 26Page - OKI electronic componets MSM548262-70JS Datasheet HTML 27Page - OKI electronic componets MSM548262-70JS Datasheet HTML 28Page - OKI electronic componets MSM548262-70JS Datasheet HTML 29Page - OKI electronic componets MSM548262-70JS Datasheet HTML 30Page - OKI electronic componets MSM548262-70JS Datasheet HTML 31Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
¡ Semiconductor
MSM548262
27/37
PIN FUNCTIONS
Address Input: A0 - A8
The 18 address bits decode 8 bits of the 2,097,152 locations in the MSM548262 memory array. The
address bits are multiplexed to 9 address input pins (A0 - A8) as standard DRAM. 9 row address
bits are latched at the falling edge of RAS. The following 9 column address bits are latched at the
falling edge of CAS.
Row Address Strobe:
RAS
RAS is a basic RAM control signal. The RAM port is in standby mode when the RAS level is
"high". As the standard DRAM’s RAS signal function, RAS is the control input that latches the
row address bits, and a random access cycle begins at the falling edge of RAS.
In addition to the conventional RAS signal function, the level of the input signals CAS, TRG, WE
and DSF at the falling edge of RAS, determines the MSM548262 operation mode.
Column Address Strobe:
CAS
As the standard DRAM’s CAS signal function, CAS is the control input signal that latches the
column address input and the state of the special function input DSF to select in conjunction with
the RAS control, either read/write operations or the special block write feature on the RAM port
when the DSF is held "low" at the falling edge of RAS.
CAS also acts as a RAM port output enable signal.
Data Transfer/Output Enable:
TRG
TRG is also a control input signal having multiple functions. As the standard DRAM’s OE signal
function, TRG is used as an output enable control when TRG is "high" at the falling edge of RAS.
In addition to the conventional OE signal function, a data transfer operation is started between
the RAM port and the SAM port when TRG is "low" at the falling edge of RAS.
Write Per Bit/Write Enable:
WE
WE is a control input signal having multiple functions. As the standard DRAM’s WE signal
function, this is used to write data into the memory on the RAM port when WE is "high" at the
falling edge of RAS.
In addition to the conventional WE signal function, the WE determines the write-per-bit
function, when WE is "low" at the falling edge of RAS during RAM port operations.
The WE also determines the direction of data transfer between the RAM and SAM. When the WE
is "high" at the falling edge of RAS, the data is transferred from RAM to SAM (read transfer).
When the WE is "low" at the falling edge of RAS, the data is transferred SAM to RAM (write
transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com