| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD1283 bảng dữ liệu(PDF) 75 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
CD1283 bảng dữ liệu(HTML) 75 Page - Intel Corporation |
|
75 / 94 page ![]() IEEE 1284-Compatible Parallel Interface — CD1283 Datasheet 75 This special-purpose register allows the local CPU to issue a hard reset of the device through software. The RCR performs the same function as the CCR in the CD1283, except that the only command available is the reset command. To maintain binary compatibility with the CD1284, the CD1283 places the RCR in the address space of either of the two serial channels in the CD1284. Thus, before issuing the reset command, the local CPU must select either channel 2 or 3 through the AER. Once that is accomplished, a write of hex 81 to the RCR initiates the internal reset. The local CPU must wait for the GFRCR to become valid before beginning operation with the device. |