công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFPIC12C509AF bảng dữ liệu(PDF) 95 Page - Microchip Technology

tên linh kiện RFPIC12C509AF
Giải thích chi tiết về linh kiện  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF bảng dữ liệu(HTML) 95 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 91Page - Microchip Technology RFPIC12C509AF Datasheet HTML 92Page - Microchip Technology RFPIC12C509AF Datasheet HTML 93Page - Microchip Technology RFPIC12C509AF Datasheet HTML 94Page - Microchip Technology RFPIC12C509AF Datasheet HTML 95Page - Microchip Technology RFPIC12C509AF Datasheet HTML 96Page - Microchip Technology RFPIC12C509AF Datasheet HTML 97Page - Microchip Technology RFPIC12C509AF Datasheet HTML 98Page - Microchip Technology RFPIC12C509AF Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 93
rfPIC12C509AG/509AF
13.0
PACKAGING INFORMATION
13.1
Package Marking Information
18-Lead CERDIP Windowed
XXXXXXXX
YYWWNNN
XXXXXXXX
18-Lead SOIC (.300”)
Example
Example
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
rfPIC
9901CBA
12C509AG/JW
rfPIC
12C509AG/SO
9918CDK
rfPIC
12C509AF/SS
9951CBP
Example
20-Lead CERDIP Windowed
XXXXXXXX
YYWWNNN
XXXXXXXX
Example
rfPIC
9901CBA
12C509AF/JW
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More