| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HSDL-3003 bảng dữ liệu(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSDL-3003 bảng dữ liệu(HTML) 2 Page - Agilent(Hewlett-Packard) |
|
2 / 21 page ![]() 2 Layer Specification Version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s (SIR) and it is IEC 825-Class 1 Eye Safe. The HSDL-3003 has very low idle current and can be shutdown completely to achieve very low power consumption. In the shutdown mode, the PIN diode will be inactive and thus producing very little photocurrent even under very bright ambient light. Such features are ideal for battery operated handheld products such as PDAs and mobile phones. Order Information Part Number Packaging Type Package Quantity HSDL-3003-021 Tape and Reel Front View 2500 Marking Information The unit is marked with ‘yyww’ on the shield yy = year ww = work week Figure 1. Functional block diagram of low power IrDA link distance and remote control. 87654321 REAR VIEW VCC IR_LED CX1 SHIELD CX2 RxD_IrDA (4) VCC (6) GND (8) GND RC_LED RC/IR TRANSMITTER SELECT SD (5) TxD_RC (7) TxD_IrDA (3) LEDA (1) VLED TRANSMITTER EYE SAFETY -IR EYE SAFETY -RC DETECTOR VOLTAGE/ CURRENT REFERENCE BLOCK RECEIVER PHOTO- DETECTOR TRANSCEIVER IC HSDL-3003 TRANSCEIVER MODULE R1 SHUTDOWN SHUTDOWN CX3 |