công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP3417C bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện AP3417C
Giải thích chi tiết về linh kiện  SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3417C bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  AP3417C Datasheet HTML 1Page - Diodes Incorporated AP3417C Datasheet HTML 2Page - Diodes Incorporated AP3417C Datasheet HTML 3Page - Diodes Incorporated AP3417C Datasheet HTML 4Page - Diodes Incorporated AP3417C Datasheet HTML 5Page - Diodes Incorporated AP3417C Datasheet HTML 6Page - Diodes Incorporated AP3417C Datasheet HTML 7Page - Diodes Incorporated AP3417C Datasheet HTML 8Page - Diodes Incorporated AP3417C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP3417C
Document number: DS36516 Rev. 2 - 2
1 of 12
www.diodes.com
May 2016
© Diodes Incorporated
AP3417C
1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Description
The AP3417C is a high efficiency step-down DC-DC voltage
converter. The chip operation is optimized by peak-current mode
architecture with built-in synchronous power MOSFET switchers. The
oscillator and timing capacitors are all built-in providing an internal
switching frequency of 1.5MHz that allows the use of small surface
mount inductors and capacitors for portable product implementations.
Integrated Soft Start (SS), Under Voltage Lock Out (UVLO), Thermal
Shutdown Detection (TSD) and Short Circuit Protection are designed
to provide reliable product applications.
The device is available in adjustable output voltage version ranging
from 0.6V to 0.9×VIN when input voltage range is from 2.5V to 5.5V,
and is able to deliver up to 1A.
The AP3417C is available in SOT-23-5 and W-DFN2020-6 (Type US)
packages.
Features
High Efficiency Buck Power Converter
Wide Input Voltage Range: 2.5V to 5.5V
Adjustable Output Voltage: 0.6V to 0.9×VIN
Low RDS(ON) Internal Switches: 200m (VIN = 5V)
Built-in Power Switches for Synchronous Rectification with High
Efficiency
Output Current: 1.0A
Feedback Voltage: 600mV
1.5MHz Constant Frequency Operation
Thermal Shutdown Protection
Low Dropout Operation at 100% Duty Cycle
No Schottky Diode Required
Input Over Voltage Protection
Output Over Voltage Protection
Over Current Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
(Top View)
EN
GND
LX
FB
VIN
1
2
3
4
5
NC
EN
VIN
FB
GND
LX
Pin 1 Mark
1
2
3
4
5
6
EP
SOT-23-5
W-DFN2020-6 (Type US)
Applications
Post DC-DC Voltage Regulation
PDA and Notebook Computer
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Số phần tương tự - AP3417C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3417AKTR-G1 BCDSEMI-AP3417AKTR-G1 Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
More results

Mô tả tương tự - AP3417C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17551 MAXIM-MAX17551 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com