công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT95C40P bảng dữ liệu(PDF) 28 Page - Holtek Semiconductor Inc

tên linh kiện HT95C40P
Giải thích chi tiết về linh kiện  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P bảng dữ liệu(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT95C40P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
HT95LXXX
Rev. 1.20
28
May 26, 2004
LCD Driver
The LCD driver can directly drive an LCD panel with 1/8 duty and 1/4 bias or with 1/16 duty and 1/5 bias, this function is
selected by the flag VBIAS. The frame of this LCD driver may select a 64Hz or 128Hz by flag FRAME.
LCD driver uses the voltage of the VLCD pin as the power source. To adjust the view angle, the programmer can select
the real LCD power by the flags VCON0 and VCON1. The flag LCDON is used to turn On/Off the LCD display. Note that
the VLCD voltage must equal or be less than VDD.
Segment/Common to I/O Selection
For the flexible purpose, some of the LCD COMMON and SEGMENT pins are shared with the input/output port.
Both of the HT95L400/40P and HT95L300/30P provide 12 pins to be selected to SEGMENT output pins or I/O pins.
HT95L200/20P provides 8 pins to be selected for COMMON output pins or I/O pins. Both of the HT95L100/10P and
HT95L000/00P provide 4 pins to be selected for SEGMENT output pins or I/O pins.
All of the HT95L400/40P, HT95L300/30P and HT95L200/20P provide the LCD COMMON output pins for 8 COMMON
or 16 COMMON. The description of the relation between segment pins, common pins and I/O pins are shown on the
below.
Register
Label
Bits R/W
Function
LCDC
(2DH)
FRAME
0
RW
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P
LCD frame selection
0: LCD frame is 64Hz
1: LCD frame is 128Hz
The frame frequency is fixed to 64Hz for HT95L100/10P and HT95L000/00P
VBIAS
1
RW
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P
LCD BIAS selection
0: select 1/16 duty and 1/5 bias, COM15~COM0 are available
1: select 1/8 duty and 1/4 bias, only COM15~COM8 are available
When the 8 COM is selected
HT95L400/40P: COM7~COM0 will be optioned to unused pins
HT95L300/30P: COM7~COM0 will be optioned to unused pins
HT95L200/20P: COM7~COM0 are disabled, PD7~PD0 are available
LBEN
2
RW
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P
Low battery detection switch
0: disable the low battery detection
1: enable the low battery detection
¾
3
RO
Unused bit, read as
²0²
LBFG
4
ROS
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P
Low battery detection flag
1: LBIN pin voltage is less than 1.15V
0: LBIN pin voltage is not less than 1.15V
VCON0
VCON1
5
6
RW
LCD contrast adjusting
Bit6,5=00: LCD voltage supply is 0.66
´VLCD
Bit6,5=10: LCD voltage supply is 0.82
´VLCD
Bit6,5=01: LCD voltage supply is 0.93
´VLCD
Bit6,5=11: LCD voltage supply is 1.00
´VLCD
LCDON
7
RW
1: Turn on the LCD display
0: Turn off the LCD display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com