| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9957/PCBZ bảng dữ liệu(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9957/PCBZ bảng dữ liệu(HTML) 44 Page - Analog Devices |
|
44 / 61 page ![]() AD9957 Data Sheet Rev. F | Page 44 of 61 SYNCHRONIZATION EXAMPLE To accomplish the synchronization of multiple devices provide each AD9957 with a SYNC_IN signal that is edge aligned across all the devices. If the SYNC_IN signal is edge aligned at all devices, and all devices have the same sync receiver delay and sync state preset value, then they all have matching clock states (that is, they are synchronized). Figure 59 shows this concept with three AD9957s in synchronization. One device operates as a master timing unit with the others synchronized to the master. The master device must have its SYNC_IN pins included as part of the synchronization distribution and delay equalization mecha- nism. This ensures that the master maintains synchronous timing with the other units. The synchronization mechanism begins with the clock distribu- tion and delay equalization block, which ensures that all devices receive an edge-aligned REFCLK signal. However, even though the REFCLK signal is edge aligned among all devices, this alone does not guarantee that the clock state of each internal clock generator is coordinated with the others. This is the role of the synchronization and delay equalization block. This block accepts the SYNC_OUT signal generated by the master device and redistributes it to the SYNC_IN input of the slave units (as well as feeding it back to the master). The goal of the redistributed SYNC_OUT signal from the master device is to deliver an edge- aligned SYNC_IN signal to all of the sync receivers. Assuming that all devices share the same REFCLK edge timing (due to the clock distribution and delay equalization block) and that all devices share the same SYNC_IN edge timing (due to the synchronization and delay equalization block), then all devices should be generating an internal sync pulse in unison (assuming all have the same value for the sync receiver delay). With the further stipulation that all devices have the same sync state preset value, then the synchronized sync pulses cause all of the devices to assume the same predefined clock state simultane- ously. That is, all devices have their internal clocks fully synchronized. CLOCK SOURCE SYNC IN SYNC OUT REF_CLK AD9957 NUMBER 1 MASTER DEVICE FPGA DATA FPGA DATA FPGA DATA EDGE ALIGNED AT REF_CLK INPUTS EDGE ALIGNED AT SYNC_IN INPUTS. SYNC IN SYNC OUT REF_CLK AD9957 NUMBER 2 SYNC IN SYNC OUT REF_CLK AD9957 NUMBER 3 (FOR EXAMPLE, AD951x) CLOCK DISTRIBUTION AND DELAY EQUALIZATION SYNCHRONIZATION DISTRIBUTION AND DELAY EQUALIZATION (FOR EXAMPLE AD951x) Figure 59. Multichip Synchronization Example |