công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS95420YGLNT bảng dữ liệu(PDF) 13 Page - Integrated Circuit Systems

tên linh kiện ICS95420YGLNT
Giải thích chi tiết về linh kiện  Programmable Timing Control HubTM for Mobile P4TM Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95420YGLNT bảng dữ liệu(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS95420YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 9Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 10Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 11Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 12Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 13Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 14Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 15Page - Integrated Circuit Systems ICS95420YGLNT Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS954204
0933D—03/16/05
SMBus Table: Vendor & Revision ID Register
Pin #
Nam e
Control Function
Type
0
1
PWD
Bit 7
RID3
R
-
-
x
Bit 6
RID2
R
-
-
x
Bit 5
RID1
R
-
-
x
Bit 4
RID0
R
-
-
x
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: Clock Request Control Register
Pin #
Nam e
Control
Type
0
1
PWD
Bit 7
-
Bit 6
CLKREQ B# Control
SRCCLK5 is controlled
RW
Not Controlled
Controlled
1
Bit 5
CLKREQ B# Control
SRCCLK3 is c ontrolled
RW
Not Controlled
Controlled
0
Bit 4
CLKREQ B# Control
SRCCLK1 is c ontrolled
RW
Not Controlled
Controlled
0
Bit 3
-
Bit 2
CLKREQ A# Control
SRCCLK4 is controlled
RW
Not Controlled
Controlled
1
Bit 1
CLKREQ A# Control
SRCCLK2 is c ontrolled
RW
Not Controlled
Controlled
0
Bit 0
CLKREQ A# Control
SRCCLK0 is c ontrolled
RW
Not Controlled
Controlled
0
SMBus Table: LCDCLK_SS Control Register
Pin #
Nam e
Control
Type
0
1
PWD
Bit 7
LCDCLK_SS3
Bit S3
RW
0
Bit 6
LCDCLK_SS2
Bit S2
RW
1
Bit 5
LCDCLK_SS1
Bit S1
RW
1
Bit 4
LCDCLK_SS0
Bit S0
RW
1
Bit 3
*SEL SRC_LCDCLK#
Select
LCDCLK_SS/SRCCLK0
R
LCDCLK
SRCCLK0
-
Bit 2
LCDCLK_SS/SRCCLK0
Enable
O utput Enable
RW
Dis able (HiZ)
Enable
1
Bit 1
LCDCLK_SS Spread
Enable
Enable SS
RW
O FF
O N
1
Bit 0
0
Res erv ed
Res erv ed
REVISIO N ID
33
33
33
-
-
Byte 8
-
VENDO R ID
-
-
32
32
32
-
-
-
-
Byte 7
-
Byte 9
See LCDCLK_SS Frequenc y
Selec t Table 2
17,18
Res erv ed
9
17, 18
17, 18
-
Byte9/
bit1
S3
S2
S1
S0
Pin 17/18
MHz
Spread % Spread Type
0
X
X
X
X
100.00
-
-
1000
0
100.00
0.8
Down
1000
1
100.00
1
Down
1001
0
100.00
1.25
Down
1001
1
100.00
1.5
Down
1010
0
100.00
1.75
Down
1010
1
100.00
2
Down
1011
0
100.00
2.5
Down
1011
1
100.00
3
Down
1100
0
100.00
+/-0.3
Center
1100
1
100.00
+/-0.4
Center
1101
0
100.00
+/-0.5
Center
1101
1
100.00
+/-0.6
Center
1110
0
100.00
+/-0.8
Center
1110
1
100.00
+/-1.0
Center
1111
0
100.00
+/-1.25
Center
1111
1
100.00
+/-1.5
Center
Table 2: LCDCLK_SS Frequency Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16