công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXFP220N06T3 bảng dữ liệu(PDF) 1 Page - IXYS Corporation

tên linh kiện IXFP220N06T3
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Avalanche Rated Fast Intrnsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP220N06T3 bảng dữ liệu(HTML) 1 Page - IXYS Corporation

  IXFP220N06T3 Datasheet HTML 1Page - IXYS Corporation IXFP220N06T3 Datasheet HTML 2Page - IXYS Corporation IXFP220N06T3 Datasheet HTML 3Page - IXYS Corporation IXFP220N06T3 Datasheet HTML 4Page - IXYS Corporation IXFP220N06T3 Datasheet HTML 5Page - IXYS Corporation IXFP220N06T3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 175C60
V
V
DGR
T
J
= 25
C to 175C, R
GS = 1M
60
V
V
GSM
Transient
 20
V
I
D25
T
C = 25C
220
A
I
LRMS
Lead Current Limit, RMS
160
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
500
A
I
A
T
C = 25C
110
A
E
AS
T
C = 25C
900
mJ
P
D
T
C = 25C
440
W
T
J
-55 ... +175
C
T
JM
175
C
T
stg
-55 ... +175
C
T
L
Maximum Lead Temperature for Soldering
300
°C
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force
(TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
m/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
TrenchT3TM HiperFETTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrnsic Rectifier
IXFA220N06T3
IXFP220N06T3
IXFH220N06T3
V
DSS
= 60V
I
D25
= 220A
R
DS(on)
 4m
DS100730(5/16)
Features
International Standard Packages
175°C Operating Temperature
High Current Handling Capability
Avalanche Rated
Fast Intrinsic Rectifier
Low R
DS(on)
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters & Off-Line UPS
Primary-Side Switch
High Current Switching Applications
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
60
V
V
GS(th)
V
DS = VGS, ID = 250A
2.0
4.0
V
I
GSS
V
GS =  20V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 150C
1
mA
R
DS(on)
V
GS = 10V, ID = 100A, Notes 1, 2
4 m
G
S
D (Tab)
G D
S
TO-220AB (IXFP)
D (Tab)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D (Tab)
D
TO-263 AA (IXFA)
Advance Technical Information


Số phần tương tự - IXFP220N06T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
IXFP220N06T3 ISC-IXFP220N06T3 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - IXFP220N06T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
IXFN44N80Q3 IXYS-IXFN44N80Q3 Datasheet
129Kb / 2P
N-Channel Enhancement Mode Fast Intrinsic Rectifier Avalanche Rated
MMIX1F40N110P IXYS-MMIX1F40N110P Datasheet
184Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F60N50P3 IXYS-MMIX2F60N50P3 Datasheet
218Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F150N20T IXYS-MMIX2F150N20T Datasheet
267Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA270N06T3 IXYS-IXFA270N06T3 Datasheet
287Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrnsic Rectifier
IXFB210N30P3 IXYS-IXFB210N30P3 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA140N12T2 IXYS-IXTA140N12T2 Datasheet
210Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA26N50P3 IXYS-IXFA26N50P3 Datasheet
306Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA36N30P3 IXYS-IXFA36N30P3 Datasheet
202Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA80N12T2 IXYS-IXTA80N12T2 Datasheet
203Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com