công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M4565 bảng dữ liệu(PDF) 4 Page - Unisonic Technologies

tên linh kiện M4565
Giải thích chi tiết về linh kiện  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4565 bảng dữ liệu(HTML) 4 Page - Unisonic Technologies

  M4565 Datasheet HTML 1Page - Unisonic Technologies M4565 Datasheet HTML 2Page - Unisonic Technologies M4565 Datasheet HTML 3Page - Unisonic Technologies M4565 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTCM4565
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-022,A
TYPICAL CHARACTERISTICS
-25
-50
Ambient Temperatur, Ta (℃
)
0
90
80
25
75
Input Bias Current vs. Temperature
70
60
50
50
100
125
40
30
20
10
0
5
0
10
15
10
15
Maximum Output Voltage Swing
vs.Operating Voltage
5
0
-5
20
-10
-15
+VOM
-VOM
5
Operating Voltage, V +/ V - (± V
)
10
6
5
15
Operating Current vs.Operating Voltage
4
3
2
20
1
0
Operating Voltage, V + /V - ( ± V
V+/V-=±15V
Ta=25℃
RL=400Ω, Ta=25℃
-25
-50
Ambient Temperatur, Ta(℃)
0
2.0
1.0
25
75
Input Offset Voltage vs.Temperature
0
-1.0
-2.0
50
100
125
V+/V-=±15V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com