| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM6526ACDXEAF bảng dữ liệu(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6526ACDXEAF bảng dữ liệu(HTML) 94 Page - Texas Instruments |
|
94 / 299 page ![]() 94 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-54. PRU-ICSSG2 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG2_PWM3_A2 PRU_ICSSG PWM Output A IO AH15 PRG2_PWM3_B0 PRU_ICSSG PWM Output B IO AG18 PRG2_PWM3_B1 PRU_ICSSG PWM Output B IO AE17 PRG2_PWM3_B2 PRU_ICSSG PWM Output B IO AC16 PRG2_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AF17 PRG2_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AG17 PRG2_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD16 PRG2_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AE17 PRG2_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AG15 PRG2_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AG14 PRG2_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AE14 PRG2_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AC17 PRG2_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AF18 PRG2_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AE18 PRG2_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AH17 PRG2_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AG18 PRG2_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AH16 PRG2_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AG16 PRG2_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AF16 PRG2_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AE16 PRG2_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AH15 PRG2_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AC16 PRG2_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AD17 PRG2_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AH14 PRG2_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AD15 PRG2_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AF14 PRG2_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AC15 PRG2_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AD14 PRG2_UART0_CTSn PRU-ICSSG UART Clear to Send (active low) I AD12 PRG2_UART0_RTSn PRU-ICSSG UART Request to Send (active low) O AH12 PRG2_UART0_RXD PRU-ICSSG UART Receive Data I AE12 PRG2_UART0_TXD PRU-ICSSG UART Transmit Data O AF12 4.3.22 SERDES 4.3.22.1 MAIN Domain Table 4-55. SERDES0 Signal Descriptions(1) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SERDES0_REFCLKN SERDES Clock Input (negative) I AG5 SERDES0_REFCLKP SERDES Clock Input (positive) I AG6 SERDES0_REFRES SERDES Reference Resistor(2) A AC9 SERDES0_RXN SERDES Differential Receive Data (negative) I AH3 SERDES0_RXP SERDES Differential Receive Data (positive) I AG2 SERDES0_TXN SERDES Differential Transmit Data (negative) O AH4 SERDES0_TXP SERDES Differential Transmit Data (positive) O AG3 |