| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM6526ACDXEAF bảng dữ liệu(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6526ACDXEAF bảng dữ liệu(HTML) 90 Page - Texas Instruments |
|
90 / 299 page ![]() 90 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-53. PRU-ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_PWM1_TZ_OUT PRU_ICSSG PWM Trip Zone Output O AC21 PRG1_PWM2_TZ_IN PRU_ICSSG PWM Trip Zone Input I AF24 PRG1_PWM2_TZ_OUT PRU_ICSSG PWM Trip Zone Output O AE24 PRG1_PWM3_TZ_IN PRU_ICSSG PWM Trip Zone Input I AF26 PRG1_PWM3_TZ_OUT PRU_ICSSG PWM Trip Zone Output O AF21 PRG1_PWM0_A0 PRU_ICSSG PWM Output A IO AH20 PRG1_PWM0_A1 PRU_ICSSG PWM Output A IO AG20 PRG1_PWM0_A2 PRU_ICSSG PWM Output A IO AD20 PRG1_PWM0_B0 PRU_ICSSG PWM Output B IO AH21 PRG1_PWM0_B1 PRU_ICSSG PWM Output B IO AD19 PRG1_PWM0_B2 PRU_ICSSG PWM Output B IO AH26 PRG1_PWM1_A0 PRU_ICSSG PWM Output A IO AE20 PRG1_PWM1_A1 PRU_ICSSG PWM Output A IO AH19 PRG1_PWM1_A2 PRU_ICSSG PWM Output A IO AE19 PRG1_PWM1_B0 PRU_ICSSG PWM Output B IO AF19 PRG1_PWM1_B1 PRU_ICSSG PWM Output B IO AG19 PRG1_PWM1_B2 PRU_ICSSG PWM Output B IO AE23 PRG1_PWM2_A0 PRU_ICSSG PWM Output A IO AF23 PRG1_PWM2_A1 PRU_ICSSG PWM Output A IO AF28 PRG1_PWM2_A2 PRU_ICSSG PWM Output A IO AG21 PRG1_PWM2_B0 PRU_ICSSG PWM Output B IO AG23 PRG1_PWM2_B1 PRU_ICSSG PWM Output B IO AH25 PRG1_PWM2_B2 PRU_ICSSG PWM Output B IO AE21 PRG1_PWM3_A0 PRU_ICSSG PWM Output A IO AE22 PRG1_PWM3_A1 PRU_ICSSG PWM Output A IO AF22 PRG1_PWM3_A2 PRU_ICSSG PWM Output A IO AD21 PRG1_PWM3_B0 PRU_ICSSG PWM Output B IO AG24 PRG1_PWM3_B1 PRU_ICSSG PWM Output B IO AG27 PRG1_PWM3_B2 PRU_ICSSG PWM Output B IO AF27 PRG1_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AF22 PRG1_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AG23 PRG1_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD20 PRG1_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AF21 PRG1_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AG22 PRG1_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AE21 PRG1_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AE19 PRG1_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AC20 PRG1_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AE22 PRG1_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AG24 PRG1_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AF23 PRG1_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AD21 PRG1_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AH20 PRG1_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AH21 PRG1_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AG20 PRG1_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AD19 PRG1_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AH24 PRG1_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AH23 |