| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM6526ACDXEAF bảng dữ liệu(PDF) 136 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6526ACDXEAF bảng dữ liệu(HTML) 136 Page - Texas Instruments |
|
136 / 299 page ![]() 136 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2018, Texas Instruments Incorporated (5) MCU_BYP_POR should be pulled to VDDSHV0_WKUP. (6) If any of the VDDSHV[0-8] rails are used as 3.3 V only, then these rails must be ramped-up with the 3.3 V power supplies. (7) If MCU_BYP_POR is configured at 3.3 V only, then this signal must be ramped-up at the same time with the 3.3 V power supplies. (8) If any of the RESETz, MCU_RESETz signals are configured at 3.3 V only, then these signals must be ramped-up at the same time with the 3.3 V power supplies. (9) OSC1 crystal and square-wave clock sources are disabled until software configures the oscillator. Software should enable oscillator after PORz_OUT, MCU_PORz_OUT reset release. (10) Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note. (11) If WKUP LDO is used to power the WKUP domain, connect CAP_VDD_WKUP pin to VDD_WKUP0/1 pin. VDD_WKUP0/1 will start ramping after VDDA_LDO_WKUP reaches a certain threshold. If WKUP LDO is bypassed, connect VDD_WKUP0/1 with VDD_MCU. 5.11.2.3 Power-Down Sequencing A typical power down sequence is to have the Power-on-Reset asserted, clock shut down, and ramp down all the power supplies sequentially in the exact reverse order of the power-up sequencing. In other words, the power supply that has been ramped up first should be the last one that is ramped down. For AM654x/AM652x, there are no specific power-down sequencing requirements, except for asserting Power-on-Reset before ramping down the rails while bypassing internal POR. |