công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4371 bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADF4371
Giải thích chi tiết về linh kiện  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4371 bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 35Page - Analog Devices ADF4371 Datasheet HTML 36Page - Analog Devices ADF4371 Datasheet HTML 37Page - Analog Devices ADF4371 Datasheet HTML 38Page - Analog Devices ADF4371 Datasheet HTML 39Page - Analog Devices ADF4371 Datasheet HTML 40Page - Analog Devices ADF4371 Datasheet HTML 41Page - Analog Devices ADF4371 Datasheet HTML 42Page - Analog Devices ADF4371 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Preliminary Technical Data
ADF4371
Rev. PrI | Page 39 of 46
Table 60. Bit Descriptions for REG0041
Bits
Bit Name
Description
Reset
Access
[7:0]
CLK2_DIVIDER_1[7:0]
Reserved
0x28
R/W
Address: 0x42, Reset: 0x00, Name: REG0042
Table 61. Bit Descriptions for REG0042
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CLK2_DIVIDER_1[11:8]
Reserved
0x0
R/W
Address: 0x47, Reset: 0xC0, Name: REG0047
Table 62. Bit Descriptions for REG0047
Bits
Bit Name
Description
Reset
Access
[7:5]
TRM_RESD_VCO_MUX
Reserved
0x6
R/W
[4:0]
RESERVED
Reserved.
0x0
R
Address: 0x52, Reset: 0xF4, Name: REG0052
Table 63. Bit Descriptions for REG0052
Bits
Bit Name
Description
Reset
Access
[7:5]
TRM_RESD_VCO_BUF
Reserved
0x7
R/W
[4:2]
TRM_RESCI_VCO_BUF
Reserved
0x5
R/W
[1:0]
RESERVED
Reserved.
0x0
R
Address: 0x6E, Reset: 0x00, Name: REG006E
Table 64. Bit Descriptions for REG006E
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_DATA_READBACK[7:0]
Open Loop VCO Counter READBACK
0x0
R
Address: 0x6F, Reset: 0x00, Name: REG006F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46