công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25AC100NLX bảng dữ liệu(PDF) 7 Page - ACE Technology Co., LTD.

tên linh kiện ACE25AC100NLX
Giải thích chi tiết về linh kiện  SPI NOR FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC100NLX bảng dữ liệu(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AC100NLX Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ACE25AC100NLX
SPI NOR FLASH
VER 1.1
7
ID Definitions
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
0E
60
13
90H
0E
12
Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE) and Write Status Register (WRSR) command. The Write Enable (WREN) command
sequence: CS# goes low→Send Write Enable command→CS# goes high.
Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable
command sequence: CS# goes low →Send Write Disable command →CS# goes high. The WEL bit is
reset by following condition: Power-up and upon completion of the Write Status Register, Page Program,
Sector Erase, Block Erase and Chip Erase commands.
Figure1. Write Enable Sequence Diagram
Figure2. Write Disable Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com