công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25AC100NLX bảng dữ liệu(PDF) 17 Page - ACE Technology Co., LTD.

tên linh kiện ACE25AC100NLX
Giải thích chi tiết về linh kiện  SPI NOR FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC100NLX bảng dữ liệu(HTML) 17 Page - ACE Technology Co., LTD.

Back Button ACE25AC100NLX Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AC100NLX Datasheet HTML 20Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ACE25AC100NLX
SPI NOR FLASH
VER 1.1
17
AC Characteristics(T=-40℃~85℃,VCC=2.7~3.6V,CL=30pf)
Symbol
Parameter
Min.
Typ
Max.
Unit
f
C
Serial Clock Frequency For:Fast Read(0BH),
DC
40
MHz
f
R
Serial Clock Frequency For:Read(03H)
DC
40
MHz
t
CLH
Serial Clock High Time
4
ns
t
CLL
Serial Clock Low Time
4
ns
t
CLCH
Serial Clock Rise Time(Slew Rate)
0.2
V/ns
t
CHCL
Serial Clock Fall Time(Slew Rate)
0.2
V/ns
t
SLCH
CS# Active Setup Time
5
ns
t
CHSH
CS# Active Hold Time
5
ns
t
SHCH
CS# Not Active Setup Time
5
ns
t
CHSL
CS# Not Active Hold Time
5
ns
t
SHSL
CS# High Time (read/write)
20
ns
t
SHQZ
Output Disable Time
6
ns
t
CLQX
Output Hold Time
1
ns
t
DVCH
Data In Setup Time
2
ns
t
CHDX
Data In Hold Time
2
ns
t
HLCH
Hold# Low Setup Time(relative to Clock)
5
ns
t
HHCH
Hold# High Setup Time(relative to Clock)
5
ns
t
CHHL
Hold# High Hold Time(relative to Clock)
5
ns
t
CHHH
Hold# Low Hold Time(relative to Clock)
5
ns
t
HLQZ
Hold# Low To High-Z Output
6
ns
t
HHQX
Hold# Low To Low-Z Output
6
ns
t
CLQV
Clock Low To Output Valid
6.5
ns
t
WHSL
Write Protect Setup Time Before CS# Low
20
ns
t
SHWL
Write Protect Hold Time After CS# High
100
ns
t
RES2
CS# High To Standby Mode With Electronic
Signature Read
0.1
us
t
W
Write Status Register Cycle Time
100
200
ms
t
PP
Page Programming Time
1.8
6
ms
t
SE
Sector Erase Time
140
360
ms
t
BE
Block Erase Time
1.0
1.8
s
t
CE
Chip Erase Time
7.2
12
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com