| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V680-HS65-R-2M bảng dữ liệu(PDF) 41 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-2M bảng dữ liệu(HTML) 41 Page - Omron Electronics LLC |
|
41 / 59 page ![]() 41 V680 Series 2-kbyte Memory Bolt RF Tags V680-HS52 (embedded in non-metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D2KF52M (embedded in metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D2KF52M (embedded in metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-HS51 (embedded in metallic material) & V680-D2KF52M-BT01 (mounted in metal/non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D2KF52M-BT01 (mounted in metal/non-metallic material) 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y |