| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V680-HS65-R-2M bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-2M bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC |
|
22 / 59 page ![]() V680 Series 22 Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna. The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their dimensions are larger than the dimensions of the Antenna (100 × 100 mm). For details, refer to the User’s Manual (Cat. No. Z248 or Z262). V680S-D8KF68 V680-HS63 Read distance 0 to 45.0 (axis offset ±10) Write distance 0 to 45.0 (axis offset ±10) V680-HS65 Read distance 0 to 75.0 (axis offset ±10) Write distance 0 to 75.0 (axis offset ±10) V680-H01-V2 Read distance 0 to 150.0 (axis offset ±10) Write distance 0 to 150.0 (axis offset ±10) V680S-D8KF68M V680-HS63 Read distance 0 to 35.0 (axis offset ±10) Write distance 0 to 35.0 (axis offset ±10) V680-HS65 Read distance 0 to 55.0 (axis offset ±10) Write distance 0 to 55.0 (axis offset ±10) Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Reader Writer V680S-D8KF68 V680-HS63 Non-metallic Resin, plastic, wood, etc. Non-metallic Resin, plastic, wood, etc. V680S- D8KF68 V680-HS65 Non-metallic Resin, plastic, wood, etc. Metallic V680S- D8KF68 V680-H01-V2 Non-metallic Resin, plastic, wood, etc. Non-metallic V680-HS63 V680S- D8KF68M Non-metallic Resin, plastic, wood, etc. Metallic V680-HS65 V680S- D8KF68M Metallic Metallic |