công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4159CCPZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADF4159CCPZ
Giải thích chi tiết về linh kiện  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADF4159CCPZ Datasheet HTML 1Page - Analog Devices ADF4159CCPZ Datasheet HTML 2Page - Analog Devices ADF4159CCPZ Datasheet HTML 3Page - Analog Devices ADF4159CCPZ Datasheet HTML 4Page - Analog Devices ADF4159CCPZ Datasheet HTML 5Page - Analog Devices ADF4159CCPZ Datasheet HTML 6Page - Analog Devices ADF4159CCPZ Datasheet HTML 7Page - Analog Devices ADF4159CCPZ Datasheet HTML 8Page - Analog Devices ADF4159CCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Direct Modulation/Fast Waveform Generating,
13 GHz, Fractional-N Frequency Synthesizer
Data Sheet
ADF4159
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF bandwidth to 13 GHz
High and low speed FMCW ramp generation
25-bit fixed modulus allows subhertz frequency resolution
PFD frequencies up to 110 MHz
Normalized phase noise floor of −224 dBc/Hz
FSK and PSK functions
Sawtooth, triangular, and parabolic waveform generation
Ramp superimposed with FSK
Ramp with 2 different sweep rates
Ramp delay, frequency readback, and interrupt functions
Programmable phase control
2.7 V to 3.45 V analog power supply
1.8 V digital power supply
Programmable charge pump currents
3-wire serial interface
Digital lock detect
ESD performance: 3000 V HBM, 1000 V CDM
Qualified for automotive applications
APPLICATIONS
FMCW radars
Communications test equipment
Communications infrastructure
GENERAL DESCRIPTION
The ADF4159 is a 13 GHz, fractional-N frequency synthesizer
with modulation and both fast and slow waveform generation
capability. The part uses a 25-bit fixed modulus, allowing subhertz
frequency resolution.
The ADF4159 consists of a low noise digital phase frequency
detector (PFD), a precision charge pump, and a programmable
reference divider. The Σ-Δ-based fractional interpolator allows
programmable fractional-N division. The INT and FRAC registers
define an overall N divider as N = INT + (FRAC/225).
The ADF4159 can be used to implement frequency shift keying
(FSK) and phase shift keying (PSK) modulation. Frequency sweep
modes are also available to generate various waveforms in the
frequency domain, for example, sawtooth and triangular wave-
forms. Sweeps can be set to run automatically or with each step
manually triggered by an external pulse. The ADF4159 features
cycle slip reduction circuitry, which enables faster lock times
without the need for modifications to the loop filter.
Control of all on-chip registers is via a simple 3-wire interface. The
ADF4159 operates with an analog power supply in the range of
2.7 V to 3.45 V and a digital power supply in the range of 1.62 V
to 1.98 V. The device can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
LOCK
DETECT
CP
DATA
LE
32-BIT
DATA
REGISTER
CLK
AGND
DVDD
DGND
RDIV
SDOUT
NDIV
DGND
CPGND
SDVDD
DVDD
AVDD
VP
CE
RFINA
RFINB
OUTPUT
MUX
MUXOUT
–
+
HIGH-Z
PHASE
FREQUENCY
DETECTOR
ADF4159
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
VALUE
INTEGER
VALUE
CHARGE
PUMP
TXDATA
REFERENCE
RSET
REFIN
×2
DOUBLER
5-BIT
R COUNTER
÷2
DIVIDER
MODULUS
225 VALUE
N COUNTER
+
–
SW2
SW1
SDGND
FAST LOCK
SWITCH
CSR
Figure 1.


Số phần tương tự - ADF4159CCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
761Kb / 37P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
Rev. E
ADF4159CCPZ-RL7 AD-ADF4159CCPZ-RL7 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159CCPZ-RL7 AD-ADF4159CCPZ-RL7 Datasheet
761Kb / 37P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
Rev. E
More results

Mô tả tương tự - ADF4159CCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MA838 ZARLINK-MA838 Datasheet
314Kb / 13P
SINGLE PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
List of Unclassifed Man...
MA818 ETC1-MA818 Datasheet
374Kb / 16P
THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
MA828 ETC1-MA828 Datasheet
367Kb / 16P
THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
logo
Analog Devices
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
7/15-Revision 0
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
6/2018-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com