công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4159CCPZ bảng dữ liệu(PDF) 32 Page - Analog Devices

tên linh kiện ADF4159CCPZ
Giải thích chi tiết về linh kiện  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ bảng dữ liệu(HTML) 32 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 28Page - Analog Devices ADF4159CCPZ Datasheet HTML 29Page - Analog Devices ADF4159CCPZ Datasheet HTML 30Page - Analog Devices ADF4159CCPZ Datasheet HTML 31Page - Analog Devices ADF4159CCPZ Datasheet HTML 32Page - Analog Devices ADF4159CCPZ Datasheet HTML 33Page - Analog Devices ADF4159CCPZ Datasheet HTML 34Page - Analog Devices ADF4159CCPZ Datasheet HTML 35Page - Analog Devices ADF4159CCPZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADF4159
Data Sheet
Rev. E | Page 32 of 36
INTERRUPT MODES AND FREQUENCY READBACK
Interrupt modes are triggered from the rising edge of TXDATA.
To activate this function, set Bits DB[30:27] in Register R0 to
1111, and set Bits DB[25:21] in Register R4 to 00010. To select
and enable the interrupt mode, set Bits DB[27:26] in Register R5
as shown in Table 8. A ramp must be active for readback to work.
Table 8. Interrupt Modes (Register R5)
Bits DB[27:26]
Interrupt Mode
00
Interrupt is off
01
Interrupt on TXDATA, sweep continues
11
Interrupt on TXDATA, sweep stops
Figure 50 shows the theory of frequency readback.
TIME
TIME
TIME OF INTERRUPT
FREQUENCY AT WHICH INTERRUPT TOOK PLACE
INTERRUPT SIGNAL
LOGIC HIGH
LOGIC LOW
1. SWEEP CONTINUES MODE
2. SWEEP STOPS MODE
1
2
Figure 50. Interrupt and Frequency Readback
When an interrupt takes place, the data, consisting of the INT
and FRAC values, can be read back via MUXOUT. The data
comprises 37 bits: 12 bits represent the INT value and 25 bits
represent the FRAC value. Figure 51 shows how single bits
are read back.
MSB
LSB
MUXOUT
CLK
LE
12-BIT INTEGER WORD
0000 1110 0111
0x0E7
231
25-BIT FRAC WORD
1 0110 0010 0011 1010 0111 1000
0x1623A78
23,214,712
RF =
fPFD × (231 + 23,214,712/225) = 1.7922963GHz
TXDATA
DATA CLOCKED OUT ON POSITIVE EDGE OF CLK AND READ
ON NEGATIVE EDGE OF CLK READBACK WORD (37 BITS)
0 0001 1100 1111 0110 0010 0011 1010 0111 1000 (0x1CF623A78)
Figure 51. Reading Back Single Bits to Determine the Output Frequency
at the Moment of Interrupt
For continuous frequency readback, the following sequence
must be used (see Figure 52).
1. Register 0 write
2. LE high
3. Pulse on TXDATA
4. Frequency readback
5. Pulse on TXDATA
6. Register R4 write
7. Frequency readback
8. Pulse on TXDATA
Figure 52 shows the continuous frequency readback sequence.
CLK
MUXOUT
LE
TXDATA
DATA
R0 WRITE
R4 WRITE
R4 WRITE
FREQUENCY
READBACK
FREQUENCY
READBACK
FREQUENCY
READBACK
37 CLK
PULSES
37 CLK
PULSES
37 CLK
PULSES
32 CLK
PULSES
32 CLK
PULSES
32 CLK
PULSES
Figure 52. Continuous Frequency Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com