| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9548BCPZ bảng dữ liệu(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548BCPZ bảng dữ liệu(HTML) 67 Page - Analog Devices |
|
67 / 111 page ![]() Data Sheet AD9548 Addr Opt1 Name D7 D6 D5 D4 D3 D2 D1 D0 Def 0x0A08 A, C Ref AA new profile Ref AA validated Ref AA fault cleared Ref AA fault Ref A new profile Ref A validated Ref A fault cleared Ref A fault 0x00 0x0A09 A, C Ref BB new profile Ref BB validated Ref BB fault cleared Ref BB fault Ref B new profile Ref B validated Ref B fault cleared Ref B fault 0x00 0x0A0A A, C Ref CC new profile Ref CC validated Ref CC fault cleared Ref CC fault Ref C new profile Ref C validated Ref C fault cleared Ref C fault 0x00 0x0A0B A, C Ref DD new profile Ref DD validated Ref DD fault cleared Ref DD fault Ref D new profile Ref D validated Ref D fault cleared Ref D fault 0x00 0x0A0C A, C Incremental phase offset Unused Reset phase offset Decrement phase offset Increment phase offset 0x00 0x0A0D A, C Reference profile detect Detect DD Detect D Detect CC Detect C Detect BB Detect B Detect AA Detect A 0x00 0x0A0E A, C Force validation timeout Force Timeout DD Force Timeout D Force Timeout CC Force Timeout C Force Timeout BB Force Timeout B Force Timeout AA Force Timeout A 0x00 0x0A0F C Reference monitor override Ref Mon Override DD Ref Mon Override D Ref Mon Override CC Ref Mon Override C Ref Mon Override BB Ref Mon Override B Ref Mon Override AA Ref Mon Override A 0x00 0x0A10 C Reference monitor bypass Ref Mon Bypass DD Ref Mon Bypass D Ref Mon Bypass CC Ref Mon Bypass C Ref Mon Bypass BB Ref Mon Bypass B Ref Mon Bypass AA Ref Mon Bypass A 0x00 User Scratch Pad (Eight Bytes) 0x0C00 L Clock part serial ID Write user scratch pad[63:0] 0x00 0x0C01 L 0x00 0x0C02 S 0x00 0x0C03 S 0x00 0x0C04 C 0x00 0x0C05 C 0x00 0x0C06 C 0x00 0x0C07 C 0x00 Status (These registers are read only and are accessible during EEPROM transactions.) 0x0D00 R, L EEPROM Unused Fault detected Load in progress Save in progress 0x0D01 R, L System clock Unused Stable Unused Unused Cal in progress Lock detected 0x0D02 R, L IRQ monitor Unused SYSCLK unlocked SYSCLK locked Unused Unused SYSCLK Cal complete SYSCLK Cal started 0x0D03 R, L Unused Distribution sync Watchdog timer EEPROM fault EEPROM complete 0x0D04 R, L Switching Closed Free-run Holdover Freq unlocked Freq locked Phase unlocked Phase locked 0x0D05 R, L Unused History updated Freq un- clamped Freq clamped Phase slew unlimited Phase slew limited 0x0D06 R, L Ref AA new profile Ref AA validated Ref AA fault cleared Ref AA fault Ref A new profile Ref A validated Ref A fault cleared Ref A fault 0x0D07 R, L Ref BB new profile Ref BB validated Ref BB fault cleared Ref BB fault Ref B new profile Ref B validated Ref B fault cleared Ref B fault 0x0D08 R, L Ref CC new profile Ref CC validated Ref CC fault cleared Ref CC fault Ref C new profile Ref C validated Ref C fault cleared Ref C fault 0x0D09 R, L Ref DD new profile Ref DD validated Ref DD fault cleared Ref DD fault Ref D new profile Ref D validated Ref D fault cleared Ref D fault 0x0D0A R, C DPLL status Offset slew limiting Phase build-out Freq lock Phase lock Loop switching Holdover Active Free running 0x0D0B R, C Frequency clamped History available Active reference priority [3:0] Active reference [3:0] Rev. G | Page 67 of 111 |