công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9548BCPZ bảng dữ liệu(PDF) 40 Page - Analog Devices

tên linh kiện AD9548BCPZ
Giải thích chi tiết về linh kiện  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ bảng dữ liệu(HTML) 40 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 36Page - Analog Devices AD9548BCPZ Datasheet HTML 37Page - Analog Devices AD9548BCPZ Datasheet HTML 38Page - Analog Devices AD9548BCPZ Datasheet HTML 39Page - Analog Devices AD9548BCPZ Datasheet HTML 40Page - Analog Devices AD9548BCPZ Datasheet HTML 41Page - Analog Devices AD9548BCPZ Datasheet HTML 42Page - Analog Devices AD9548BCPZ Datasheet HTML 43Page - Analog Devices AD9548BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
AD9548
Data Sheet
Rev. G | Page 40 of 111
Note that the monitors/detectors associated with the input
references (REFA/AA – REFD/DD) are internally disabled until
the SYSCLK PLL indicates that it is stable.
CLOCK DISTRIBUTION
The clock distribution block of the AD9548 provides an
integrated solution for generating multiple clock outputs based
on frequency dividing the DPLL output. The distribution
output consists of four channels (OUT0 to OUT3). Each of the
four output channels has a dedicated divider and output driver,
as appears in Figure 49.
Q0
SYNC
CONTROL
ENABLEn/MODEn
SYNC SOURCE
CLKINP
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
OUT1
OUT3
OUT2
OUT0
CLKINN
OUT_RSET
OUT0P
OUT0N
4
4
4
Figure 49. Clock Distribution
Clock Input (CLKINx)
The clock input handles input signals from a variety of logic
families (assuming proper terminations and sufficient voltage
swing). It also handles sine wave input signals such as those
delivered by the DAC reconstruction filter. Its default operating
frequency range is 62.5 MHz to 500 MHz.
Super-Nyquist Operation
Typically, the maximum usable frequency at the DAC output is
about 45% of the system clock frequency. However, because it is
a sampled DAC, its output spectrum contains Nyquist images.
Of particular interest are the images appearing in the first Nyquist
zone (50% to 100% of the system clock frequency). Super-Nyquist
operation takes advantage of these higher frequencies, but this
implies that the CLKINx input operates in excess of 500 MHz,
which is outside of its default operating limits.
The CLKINx receiver actually consists of two separate receivers—
the default receiver and an optional high frequency receiver,
which handles input signals up to 800 MHz. To select the high
frequency receiver, write a Logic 1 to Register 0x0400, Bit 4.
Super-Nyquist operation requires a band-pass filter at the DAC
output instead of the usual low-pass reconstruction filter.
Super-Nyquist operation is viable as long as the image frequency
does not exceed the 800 MHz input range of the receiver.
Furthermore, to provide acceptable jitter performance, which is a
consideration for image signals with low amplitude, the signal at
the CLKINx input must meet the minimum slew rate
requirements.
Clock Dividers
The output clock distribution dividers are referred to as Q0 to Q3,
corresponding to the OUT0 to OUT3 output channels, respectively.
Each divider is programmable with 30 bits of division depth. The
actual divider ratio is one more than the programmed register
value; therefore, a register value of 3, for example, results in a
divide ratio of 4. Thus, each divider offers a range of divide
ratios from 1 to 230 (1 to 1,073,741,824).
With an even divide ratio, the output signal always exhibits a
50% duty cycle. When the clock divider is bypassed (a divide
ratio of 1), the output duty cycle is the same as the input duty
cycle. Odd output divide ratios (excluding 1) exhibit automatic
duty cycle correction given by
N
X
N
Cycle
Duty
Output
2
1
2
where N (which must be an odd number) is the divide ratio and
X is the normalized fraction of the high portion of the input
period (that is, 0 < X < 1).
For example, if N = 5 and the input duty cycle is 20% (X = 0.2),
then the output duty cycle is 44%. Note that, when the user programs
an output as noninverting, then the device adjusts the falling
edge timing to accomplish the duty cycle correction. Conversely,
the device adjusts the rising edge timing for an inverted output.
Output Power-Down
Each of the output channels offers independent control of
power-down functionality via the distribution settings register
(Address 0x0400). Each output channel has a dedicated power-
down bit for powering down the output driver. However, if all
four outputs are powered down, the entire distribution output
enters a deep sleep mode.
Even though each channel has a channel power-down control
signal, it may sometimes be desirable to power down an output
driver while maintaining the divider’s synchronization with the
other channel dividers. This is accomplished by either of the
following methods:
In CMOS mode, use the divider output enable control bit
to stall an output. This provides power savings while
maintaining dc drive at the output.
In LVDS/LVPECL mode, place the output in tristate mode
(this works in CMOS mode as well).
Output Enable
Each of the output channels offers independent control of
enable/disable functionality via the distribution enable register
(Address 0x0401). The distribution outputs use synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com