công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX71120 bảng dữ liệu(PDF) 8 Page - Melexis Microelectronic Systems

tên linh kiện MLX71120
Giải thích chi tiết về linh kiện  300 to 930MHz FSK/FM/ASK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120 bảng dữ liệu(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX71120 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
REVISION 009 - JUNE 16, 2017
3901071120
1.9. Reference Oscillator
A Colpitts crystal oscillator with integrated functional capacitors is used as the reference oscillator (RO) of the PLL
synthesizer. The equivalent input capacitance CRO offered to the crystal at pin ROI is about 18pF. The crystal oscillator
features an amplitude control loop. This is to assure a very stable frequency over the specified supply voltage and
temperature range together with a short start-up time. A buffer amplifier with hysteresis is between RO and PFD. Also
a clock divider follows the buffer.
1.10. Clock Output
The clock output pin CKOUT is an open-drain output. For power saving reasons, the circuit is only active if an external
pull-up resistor RCL is applied to the pin. Furthermore, RCL can be used to adjust the clock waveform. It forms an RC
low-pass together with the capacitive load at the pin, the parasitics of the PCB and the input capacitance of the
external circuitry (e.g. a microcontroller).
The clock output feature is disabled if pin CKOUT is connected to ground or left open.
Fig. 3: Clock output implementation
1.11. FSK Demodulator
The integrated FSK demodulator is based on a phase-coincidence demodulator principle. An injection-locked oscillator
(ILO) is used as a frequency-dependent phase shifter. This topology features a good linearity of the frequency-phase
relationship over the entire locking range. The type of demodulator has no built-in constraints regarding the
modulation index. It also offers a wide carrier acceptance range.
In addition, the demodulator provides an AFC loop for correcting the remaining free-running frequency error and drift
effects, and also to remove possible frequency offsets between transmitter and receiver frequencies. The AFC loop
features a dead band which means that the AFC loop is only closed if the demodulator output voltage leaves the linear
region of the demodulator. Most of the time, the control loop is open. This leads to several advantages. The AFC loop
bandwidth can be high and therefore the reaction time is short. Furthermore the demodulator itself has no low-end
cut-off frequency.
The FSK demodulator has a negative control slope, this means the output voltage decreases by increasing the IF2
frequency. This guarantees an overall positive slope because the mixer section converts the receive frequency to IF2
either with high-low or low-high side injection.
The FSK demodulator is turned off during ASK demodulation.
CLKO
DIV8
Control
logic
RO
output
RCL
C L
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com