công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX71120 bảng dữ liệu(PDF) 7 Page - Melexis Microelectronic Systems

tên linh kiện MLX71120
Giải thích chi tiết về linh kiện  300 to 930MHz FSK/FM/ASK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120 bảng dữ liệu(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX71120 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
REVISION 009 - JUNE 16, 2017
3901071120
1.6. Mixer Section
The mixer section consists of two mixers. Both are double-balanced mixers. The second mixer is built as an image
rejection mixer. The first mixer’s inputs (MIXP and MIXN) are functionally the same. For single-ended drive, the
unused input has to be tied to ground via a capacitor. A soft band-pass filter is placed between the mixers.
RFSEL
Description
0
Input frequency range 300 to 470MHz
1
Input frequency range 610 to 930MHz
Pin RFSEL is used to select the required RF band. The LO frequencies and the proper sidebands for image suppression
will be set accordingly. The mixer output (MIXO) is to drive an external IF filter. This output is set up by a source
follower that can be biased to create a driving impedance of either 1500 Ohms or 330 Ohms, depending on the logic
level at pin IFSEL.
IFSEL
Description
0
IF2 = 455 kHz
1
IF2 = 10.7 MHz
This feature allows to use standard ceramic filters for 455kHz and 10.7MHz. They can be connected directly without
additional matching elements. The overall voltage conversion gain of the mixer section is approximately 25dB.
1.7. IF Amplifier
After having passed the IF filter, the signal is amplified by a high-gain limiting amplifier. It consists of several AC-
coupled gain stages with a bandwidth of 400kHz to 11MHz. The overall small-signal pass-band gain is about 80dB. A
received-signal-strength indicator (RSSI) signal is generated within the IF amplifier and is available at pin RSSI.
1.8. PLL Synthesizer
The PLL synthesizer consists of a fully integrated voltage-controlled oscillator running at 400MHz to 640MHz, a
distributed feedback divider chain, an edge-triggered phase-frequency detector, a charge pump, a loop filter and a
crystal-based reference oscillator. The PLL is used for generating the LO signals. The LO1 is directly taken from the VCO
output, and the LO2 is derived from the LO1 signal passing the N1 counter. Another counter N2 follows N1. The
overall feedback divider ratio Ntot is fixed to 24. The values of N1 and N2 are depending on the selected RF band that
can be chosen via pin RFSEL.
RFSEL
fLO1min [MHz] fLO1max [MHz] fLO2min [MHz] fLO2max [MHz]
N1
N2
Ntot
0
400
640
100
160
4
6
24
1
400
640
200
320
2
12
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com