| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADCLK905BCPZ-R2 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCLK905BCPZ-R2 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() VAL ADCLK9XX D1 D1 D2 D2 Q2 Q2 Q1 Q1 PAD LFCSP16-3X3 Solder bridges will be completed by end user if desired. 0 Ω resistors are NOT to be installed. matched length ×2 VCC VREF2 VREF1 matched lengths matched length ×2 VT2 VT1 VEE Jumpers are NOT to be installed. Solder bridges will be completed by end user if desired. Solder bridges will be completed by end user if desired. 0 Ω resistors are NOT to be installed. C45 .01UF C44 .01UF C16 .1UF Q2_B Q2 Q1_B Q1 D2_B D2 D1_B D1 CAL_2 CAL_1 1 2 4 3 9 10 12 11 PAD A1 V T1 1 2 JP7 0 1 2 JP1 0 V REF2 V T2 J12 J4 J3 J6 J5 J2 J1 J7 V REF2 V REF1 TP5 RED TP4 BLK TP3 RED TP1 BLK TP2 RED V EE V CC V EE TP8 RED J8 J9 J10 J11 V REF1 VT1 1 2 JP2 0 1 2 JP3 0 1 2 JP4 0 1 2 JP5 0 1 2 JP6 0 1 2 JP8 0 TP6 RED TP7 RED V T2 |