công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSA2267AMUX bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện FSA2267AMUX
Giải thích chi tiết về linh kiện  Low-Voltage Dual-SPDT Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2267AMUX bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button FSA2267AMUX Datasheet HTML 3Page - ON Semiconductor FSA2267AMUX Datasheet HTML 4Page - ON Semiconductor FSA2267AMUX Datasheet HTML 5Page - ON Semiconductor FSA2267AMUX Datasheet HTML 6Page - ON Semiconductor FSA2267AMUX Datasheet HTML 7Page - ON Semiconductor FSA2267AMUX Datasheet HTML 8Page - ON Semiconductor FSA2267AMUX Datasheet HTML 9Page - ON Semiconductor FSA2267AMUX Datasheet HTML 10Page - ON Semiconductor FSA2267AMUX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.5
6
FSA2267A DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
Notes:
7. On resistance is determined by the voltage drop between A and B pins at the indicated current through the switch.
8.
R
ON = RONmax - RONmin measured at identical VCC, temperature, and voltage.
9. Flatness is defined as the difference between the maximum and minimum value of RON over the specified range of
conditions.
Symbol
Parameter
Conditions
VCC
TA = +25C
TA= 40 to
+85
C
Units
(V)
Min.
Typ. Max. Min. Max.
VIH
Input Voltage High
3.6 to 4.3
1.7
V
2.7 to 3.6
1.5
2.3 to 2.7
1.4
VIL
Input Voltage Low
3.6 to 4.3
0.7
V
2.7 to 3.6
0.5
2.3 to 2.7
0.4
IIN
Control Input Leakage
VIN = 0V to VCC
2.3 to 4.3
-0.5
0.5
µA
INO(OFF),
INC(OFF)
Off-Leakage Current of
Port nB0 and nB1
nA = 0.3V, 4.0V, nB0 or nB1
= 4.0V, 0.3V or floating
4.3
-10.0
10.0
-100
100
nA
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA = 0.3V, 2.4V, nB0 or nB1 =
0.3V, 2.4V or floating
2.7
-5.0
5.0
-50
50
IA(ON)
On Leakage Current of
Port 1A and 2A
nA = 0.3V, 4.0V, nB0 or nB1 =
0.3V, 4.0V or floating
4.3
-20.0
20.0
-200
200
nA
nA = 0.3V, 3.3V, nB0 or nB1 =
0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
2.7
-5.0
5.0
-50
50
RON
Switch On Resistance(7)
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 3.6V, 4.3V
4.3
0.35
0.6
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 2.3V, 3.0V
3.0
0.35
0.6
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 2.0V, 2.7V
2.7
0.35
0.6
IOUT = 100mA, nB0 or nB1 = 0.8V
1.65
1.0
R
ON
On Resistance Matching
Between Channels(8)
See Figure 10
IOUT = 100mA, nB0 or nB1 = 0.7V
4.3
0.04
0.075
3.0
0.04
0.075
2.7
0.04
0.075
1.65
0.1
RFLAT(ON)
On Resistance
Flatness(9)
IOUT = 100mA, nB0 or nB1 = 0V
to VCC
4.3
0.15
0.25
3.0
0.15
0.25
2.7
0.15
0.25
1.65
0.3
ICC
Quiescent Supply Current VIN = 0V or VCC, IOUT = 0A
4.3
-100
80
100
-500
500
nA
ICCT
Increase in ICC per Input
VIN = 1.8V
4.3
7.0
10.0
15.0
µA
VIN = 2.6V
0.5
2.0
7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com