công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSA2267AMUX bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện FSA2267AMUX
Giải thích chi tiết về linh kiện  Low-Voltage Dual-SPDT Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2267AMUX bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  FSA2267AMUX Datasheet HTML 1Page - ON Semiconductor FSA2267AMUX Datasheet HTML 2Page - ON Semiconductor FSA2267AMUX Datasheet HTML 3Page - ON Semiconductor FSA2267AMUX Datasheet HTML 4Page - ON Semiconductor FSA2267AMUX Datasheet HTML 5Page - ON Semiconductor FSA2267AMUX Datasheet HTML 6Page - ON Semiconductor FSA2267AMUX Datasheet HTML 7Page - ON Semiconductor FSA2267AMUX Datasheet HTML 8Page - ON Semiconductor FSA2267AMUX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267ARev. 1.0.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only..
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
2. Minimums define the acceptable range of current. Negative current should not exceed minimun negative values.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
3. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+5.5
V
VS
Switch Voltage(1)
-0.5
VCC + 0.5
V
VIN
Control Input Voltage(1)
-0.5
5.5
V
IIK
Input Diode Current(2)
-50
mA
ISW
Switch Current
350
mA
ISWPEAK
Peak Switch Current
(Pulsed at 1ms Duration, <10% Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
ESD
Human Body Model: FSA2267
7500
V
Human Body Model, JESD22-A114:FSA2267A
7000
V
Charged Device Model, JESD22-C101:
FSA2267/FSA2267A
1000
V
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
V
FSA2267
1.65
3.6
V
FSA2267A
2.3
4.3
VIN
Control Input Voltage(3)
0VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com