| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLDM-06D1AX bảng dữ liệu(PDF) 32 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
SLDM-06D1AX bảng dữ liệu(HTML) 32 Page - Bel Fuse Inc. |
|
32 / 49 page ![]() 32 SLDM-06D1Ax tech.support@psbel.com belpowersolutions.com READING THE STATUS OF THE MODULE USING THE PMBUS(CONTINIUED) STATUS_VOUT : Returns one byte of information relating to the status of the module’s output voltage related faults. Bit Position Flag Default Value 7 VOUT OV Fault 0 6 X 0 5 X 0 4 VOUT UV Fault 0 3 X 0 2 X 0 1 X 0 0 X 0 STATUS_IOUT : Returns one byte of information relating to the status of the module’s output voltage related faults. Bit Position Flag Default Value 7 IOUT OC Fault 0 6 X 0 5 IOUT OC Warning 0 4 X 0 3 X 0 2 X 0 1 X 0 0 X 0 STATUS_TEMPERATURE : Returns one byte of information relating to the status of the module’s temperature related faults. Bit Position Flag Default Value 7 OT Fault 0 6 OT Warning 0 5 X 0 4 X 0 3 X 0 2 X 0 1 X 0 0 X 0 STATUS_CML : Returns one byte of information relating to the status of the module’s communication related faults. Bit Position Flag Default Value 7 Invalid/Unsupported Command 0 6 Invalid/Unsupported Command 0 5 Packet Error Check Failed 0 4 X 0 3 X 0 2 X 0 1 Other Communication Fault 0 0 X 0 |