công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLDM-06D1AX bảng dữ liệu(PDF) 15 Page - Bel Fuse Inc.

tên linh kiện SLDM-06D1AX
Giải thích chi tiết về linh kiện  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX bảng dữ liệu(HTML) 15 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 11Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 12Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 13Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
SLDM-06D1Ax
15
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
15. REMOTE ON/OFF
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Signal Low (Unit On)
Active Low
The remote on/off pin open, Unit on.
-0.2
-
0.6
V
Signal High (Unit Off)
2.0
-
Vin,max
V
Signal Low (Unit Off)
Active High
The remote on/off pin open, Unit on.
-0.2
-
0.6
V
Signal High (Unit On)
2.0
-
Vin,max
V
The module can be turned ON and OFF either by using the ON/OFF pin (Analog interface) or through the PMBus interface (Digital). The module
can be configured in a number of ways through the PMBus interface to react to the two ON/OFF inputs:
Module ON/OFF can be controlled only through the analog interface (digital interface ON/OFF commands are ignored).
Module ON/OFF can be controlled only through the PMBus interface (analog interface is ignored).
Module ON/OFF can be controlled by either the analog or digital interface.
The default state of the module (as shipped from the factory) is to be controlled by the analog interface only. If the digital interface is to be
enabled, or the module is to be controlled only through the digital interface, this change must be made through the PMBus. These changes can
be made and written to non-volatile memory on the module so that it is remembered for subsequent use.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com