công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B0520WS bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện B0520WS
Giải thích chi tiết về linh kiện  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

B0520WS bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  B0520WS Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520WS Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520WS Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520WS Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diodes
B0520WS
SCHOTTKY BARRIER DIODE
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Also Available in Lead Free Version
Maximum Ratings @Ta=25
℃
Parameter
Symbo
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
V
RMS reverse voltage reverse voltage (DC)
VR(RMS)
14
Average rectified output current
Io
0.5
Non-repetitive Peak Forward Surge Current
@t=8.3ms
IFSM
5.5
A
Power dissipation
PD
200
mW
Thermal resistance junction to ambient
RθJA
500
℃/W
Junction temperature
Tj
1
25
℃
Storage temperature
TSTG
-
55~+150
℃
Voltage rate of change
dv/dt
1000
V/μ
s
Electrical Characteristics @Ta=25
℃
Capacitance between terminals
CT
pF
VR=1,f=1MHz
SOD-323
www.cj-elec.com
1
G,Apr,2017
MARKING:SD
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.
FEATURES
V
20
Value
Symbol
Test conditions
Reverse breakdown voltage
V(BR)
IR=250uA
V
Reverse current
IR
VR=10V
IF
Forward voltage
VF
IF
0.39
V
uA
=0.5A
=0.1A
A
Min
Max
Unit
20
VR=20V
75
250
0.33
170
Typ


Số phần tương tự - B0520WS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Mô tả tương tự - B0520WS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com