công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN91C110 bảng dữ liệu(PDF) 5 Page - SMSC Corporation

tên linh kiện LAN91C110
Giải thích chi tiết về linh kiện  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 bảng dữ liệu(HTML) 5 Page - SMSC Corporation

  LAN91C110 Datasheet HTML 1Page - SMSC Corporation LAN91C110 Datasheet HTML 2Page - SMSC Corporation LAN91C110 Datasheet HTML 3Page - SMSC Corporation LAN91C110 Datasheet HTML 4Page - SMSC Corporation LAN91C110 Datasheet HTML 5Page - SMSC Corporation LAN91C110 Datasheet HTML 6Page - SMSC Corporation LAN91C110 Datasheet HTML 7Page - SMSC Corporation LAN91C110 Datasheet HTML 8Page - SMSC Corporation LAN91C110 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 5
Rev. 09/05/02
TABLE 1 - DESCRIPTION OF PIN FUNCTIONS
144 TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
115-112,
110-100
Address
A[15:1]
I
Input. Used by LAN91C110 for internal register
selection.
138
Address
Enable
AEN
I
Input. Used as an address qualifier. Address
decoding is only enabled when AEN is low.
118, 117
nBE[1:0]
I
Input. Used during LAN91C110 register accesses
to determine the width of the access and the
register(s) being accessed.
89, 91-95,
97-98, 119,
121-123,
125-128
Data Bus D[15:0]
I/O8
Bidirectional. 16-bit data bus used to access the
LAN91C110’s internal registers. Data bus has
weak internal pullups. Supports direct connection
to the system bus without external buffering.
135
Reset
RESET
IS
Input. This input is not considered active unless it
is active for at least 100ns to filter narrow glitches.
129
Asynchro-
nous
Ready
ARDY
OD16
Open drain output. ARDY may be used when
interfacing asynchronous buses to extend
accesses. Its rising (access completion) edge is
controlled by the XTAL1 clock and, therefore,
asynchronous to the host CPU or bus clock.
Note: Asserted for 100 to 150ns for the
appropriate NO WAIT bit state in the Configuration
register. See the NO WAIT bit description for
complete information.
120
Local
Device
nLDEV
O16
Output. Local Device. This active low output is
asserted when AEN is low and A4-A15 decode to
the LAN91C110 address programmed into the
high byte of the Base Address Register. nLDEV*
is a combinatorial decode of unlatched address
and AEN signals.
88
nAddress
Strobe
nADS
IS
Input. Address strobe. For systems that require
address latching. The rising edge of nADS
indicates the latching moment of A[1:15] and AEN.
All LAN91C110 internal functions of A[1:15] and
AEN are latched.
131
Interrupt
INTR0
O4
Output. The interrupt output is enabled by
selecting the appropriate routing bits (INT SEL 1-
0) in the Configuration Register.
132
nRead
Strobe
nRD
IS
Input. Used in asynchronous bus interfaces.
134
nWrite
Strobe
nWR
IS
Input. Used in asynchronous bus interfaces.
56-57, 60-
65, 46-48,
50-54, 35-
38, 40-42,
45, 25-28,
30-32, 34
RAM Data
Bus
RD[31:0]
I/O4 with
pullups
Bidirectional. Carries the local buffer memory
read and write data. Reads are always 32 bits
wide. Writes are controlled individually at the byte
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com